Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUW13 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # BUW13
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BUW13 Datasheet(HTML) 1 Page - Savantic, Inc.

  BUW13 Datasheet HTML 1Page - Savantic, Inc. BUW13 Datasheet HTML 2Page - Savantic, Inc. BUW13 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BUW13 BUW13A
DESCRIPTION
·With TO-3PN package
·High voltage,high speed
APPLICATIONS
·Converters
·Inverters
·Switching regulators
·Motor control systems
PINNING (See Fig.2)
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BUW13
850
VCBO
Collector-base voltage
BUW13A
Open emitter
1000
V
BUW13
400
VCEO
Collector-emitter voltage
BUW13A
Open base
450
V
VEBO
Emitter-base voltage
Open collector
9
V
IC
Collector current
15
A
ICM
Collector current-peak
30
A
IB
Base current
6
A
IBM
Base current-peak
9
A
PT
Total power dissipation
TC=25
175
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~175
Fig.1 simplified outline (TO-3PN) and symbol


Similar Part No. - BUW13

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUW13 ISC-BUW13 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BUW13 COMSET-BUW13 Datasheet
70Kb / 3P
   HIGH VOLTAGE, HIGH SPEED POWER TRANSISTOR
logo
Savantic, Inc.
BUW13 SAVANTIC-BUW13 Datasheet
138Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW131 ISC-BUW131 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
BUW131A ISC-BUW131A Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
More results

Similar Description - BUW13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com