Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHF-6L-250 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHF-6L-250
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHF-6L-250 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHF-6L-250 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical QHF-6L-42 Performance
L-Package Outline
PRINCIPAL SPECIFICATIONS
Frequency
Insertion
Isolation,
Phase
Amplitude
CW
Model
Range,
Loss, dB,
dB,
Balance,
Balance, dB,
VSWR,
Input*,
Number
MHz
Max.
Min.
Max.
Max.
Max.
W
QHF-6L-250
30 - 500
2
18
90°
± 5°
1.3
1.5:1
1
*CW input power with 1.2:1 VSWRout
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Coupling:
-- 3 dB nom.
Operating Temperature:
-- 55° to +85°C
QHF-6L-250
90 POWER DIVIDERS / COMBINERS
30 to 500 MHz / Bandwidth Ratios up to 125:1 / Low Profile, Hi-Rel, Hermetic Package
Phasing Diagram - C
1
2
3
4
1
ref.
+90°
Isol.
2
ref.
Isol.
-- 90°
3
-- 90°
Isol.
ref.
4
Isol.
+90°
ref.
General Notes:
1. The QHF-6L series of 3 dB quadrature hybrids
covers ultra-wide bandwidths using six or more
cascaded hybrid sections in a single low profile,
hermetic package. This technique results in
bandwidth ratios as high as 125:1 making this
series ideal for all wide band applications.
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Dimension marked with * apply only at body.
4. All unmarked pins are case ground.
22Feb96
For further information contac
t MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


Similar Part No. - QHF-6L-250

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.130GE MERRIMAC-QHF-2-.130GE Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.134GM MERRIMAC-QHF-2-.134GM Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.187GM MERRIMAC-QHF-2-.187GM Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.312GG MERRIMAC-QHF-2-.312GG Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results

Similar Description - QHF-6L-250

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com