Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHF-2-.495GF Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHF-2-.495GF
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHF-2-.495GF Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHF-2-.495GF Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINCIPAL SPECIFICATIONS
Frequency
Isolation,
Insertion Amplitude
CW
Weight
Model
Range,
dB,
Loss, dB,
Bal., dB,
Phase
Input*,
oz .(g)
Case
Number
GHz
Min.
Typ.
Max.
Max.
Tolerance
W
Nom.
Style
QHF-2-.071GB
.054 - .088
23
25
0.45
0.6
90°
± 2°
200
1.4 (40)
B
QHF-2-.130GE
.100 - .160
25
30
0.30
0.8
90°
± 2°
200
1.3 (36)
E
QHF-2-.134GM
.116 - .152
23
25
0.25
0.6
90°
± 2°
200
1.3 (36)
M
QHF-2-.187GM
.125 - .250
23
30
0.25
1.0
90°
± 2°
200
1.3 (36)
M
QHF-2-.312GG
.225 - .400
23
30
0.30
0.9
90°
± 3°
100
.4 (11)
G
QHF-2-.312GN
.225 - .400
20
25
0.25
1.0
90°
± 2°
200
.3 (8)
N
QHF-2-.312GP
.225 - .400
20
25
0.25
1.0
90°
± 2°
200
.5 (14)
P
QHF-2-.375GF
.250 - .500
25
30
0.25
1.0
90°
± 2°
200
.5 (14)
F
QHF-2-.495GF
.330 - .660
25
30
0.25
1.0
90°
± 2°
200
.5 (14)
F
QHF-2-.750GK
.500 - 1.00
23
30
0.25
1.0
90°
± 2°
200
.4 (11)
K
QHF-2-1.50GK
1.00 - 2.00
20
25
0.25
1.0
90°
± 2°
200
.4 (11)
K
*CW input power with 1.2:1 VSWRout
General Notes:
1. The QHF-2-G series consists of quadrature backward-wave hybrid couplers which use shielded stripline design techniques to cover
octave bands in the frequency range 54 MHz to 2 GHz.
2. The Filmbrid
™ Sandwich Package is sealed under heat and pressure insuring the printed substrates and low-loss dielectric laminates
are permanently bonded to minimize the effects of dirt and moisture and prevent separation when subjected to shock and vibration.
3. The QHF-2-G series is ideally suited for applications requiring high performance, inherent reliability and low cost. Special customized
units are available for special bandwidth and frequency applications.
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
VSWR:
1.1 typ., 1.2 max.
Peak Power:
1 kW max.
Terminals:
4 Solder Tabs
Operating Temperature: -- 55° to +85°C
Alternate Outlines:
Optional
ENVIRONMENTAL QUALIFICATIONS
Exposure
Method
Test Condition
Altitude*
105C
B
Humidity
106D
----
Thermal Shock
107D
A
Life Test
108
D
Vibration
201A
----
Mechanical Shock
213B
A
Random Vibration
214
11C
(15 minutes per axis)
* Tab interfaces must be sealed by customer
if device is to be used at rated peak power.
QHF-2-G Series
90 POWER DIVIDERS / COMBINERS
54 MHz to 2.0 GHz / 1 kW Peak / Moisture Sealed / Reliable Stripline ‘‘Sandwich’’ Pkg / Filmbrid
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
20Feb96


Similar Part No. - QHF-2-.495GF

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-300B MERRIMAC-QHF-22A-300B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-1000 MERRIMAC-QHF-23A-1000 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-1B MERRIMAC-QHF-23A-1B Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results

Similar Description - QHF-2-.495GF

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com