Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ3001 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # MJ3001
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

MJ3001 Datasheet(HTML) 2 Page - Savantic, Inc.

  MJ3001 Datasheet HTML 1Page - Savantic, Inc. MJ3001 Datasheet HTML 2Page - Savantic, Inc. MJ3001 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJ3000/3001
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJ3000
60
V(BR)CEO
Collector-emitter
breakdown voltage
MJ3001
IC=0.1A ;IB=0
80
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=5A; IB=20mA
2.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=10A; IB=50mA
4.0
V
VBE
Base-emitter on voltage
IC=5A ; VCE=3V
3.0
V
MJ3000
VCE=60V; RBE=1.0k?
TC=150
1.0
5.0
ICER
Collector cut-off current
MJ3001
VCE=80V; RBE=1.0k?
TC=150
1.0
5.0
mA
MJ3000
VCE=30V; IB=0
ICEO
Collector cut-off current
MJ3001
VCE=40V; IB=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2.0
mA
hFE
DC current gain
IC=5A ; VCE=3V
1000
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.17
/W


Similar Part No. - MJ3001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ3001 MOTOROLA-MJ3001 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
logo
Central Semiconductor C...
MJ3001 CENTRAL-MJ3001 Datasheet
41Kb / 1P
   Silicon complementary trasistors power darlington
logo
ON Semiconductor
MJ3001 ONSEMI-MJ3001 Datasheet
98Kb / 4P
   DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
logo
STMicroelectronics
MJ3001 STMICROELECTRONICS-MJ3001 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
MJ3001 CENTRAL-MJ3001 Datasheet
54Kb / 1P
   Power Transistors
More results

Similar Description - MJ3001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com