Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6340 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N6340
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N6340 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N6340 Datasheet HTML 1Page - Savantic, Inc. 2N6340 Datasheet HTML 2Page - Savantic, Inc. 2N6340 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6338 2N6339 2N6340 2N6341
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNI
T
2N6338
100
2N6339
120
2N6340
140
V(SUS)CEO
Collector-emitter
sustaining voltage
2N6341
IC=50mA ;IB=0
150
V
VCEsat-1
Collector-emitter saturation voltage
IC=10A; IB=1.0A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=25A; IB=2.5A
1.8
V
VBE sat-1
Base-emitter saturation voltage
IC=10A; IB=1.0A
1.8
V
VBE sat-2
Base-emitter saturation voltage
IC=25A; IB=2.5A
2.5
V
VBE
Base-emitter on voltage
IC=10A ; VCE=2V
1.8
V
ICEX
Collector cut-off current
VCE=Rated VCEO; VEB=1.5V
TC=150
10
1.0
µA
mA
ICBO
Collector cut-off current
VCB=Rated VCB; IE=0
10
µA
2N6338
VCE= 50V,IB=0
2N6339
VCE= 60V,IB=0
2N6340
VCE= 70V,IB=0
ICEO
Collector
cut-off current
2N6341
VCE= 75V,IB=0
50
µA
IEBO
Emitter cut-off current
VEB=6V; IC=0
100
µA
hFE-1
DC current gain
IC=0.5A ; VCE=2V
50
hFE-2
DC current gain
IC=10A ; VCE=2V
30
120
hFE-3
DC current gain
IC=25A ; VCE=2V
12
COB
Output capacitance
IE=0 ; VCB=10V;f=0.1MHz
300
pF
fT
Transition frequency
IC=1A ; VCE=10V;f=10MHz
40
MHz
tr
Rise time
VCC=80V,IC=10A,IB1=1A ;VBE=1.5V
0.3
µs
ts
Storage time
1.0
µs
tf
Fall times
VCC=80V,IC=10A,IB1=IB2=1A
0.25
µs


Similar Part No. - 2N6340

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6340 MOSPEC-2N6340 Datasheet
128Kb / 3P
   POWER TRANSISTOR(25A,200W)
logo
ON Semiconductor
2N6340 ONSEMI-2N6340 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6340 BOCA-2N6340 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6340 JMNIC-2N6340 Datasheet
160Kb / 3P
   Silicon NPN Power Transistors
logo
Seme LAB
2N6340 SEME-LAB-2N6340 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results

Similar Description - 2N6340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com