Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR42-2812 Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # HR42-2812
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR42-2812 Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  HR42-2812 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR42-2812 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR42-2812 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR42-2812 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR42-2812 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR42-2812 Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B4-51
FEATURES
• –40°C to +85°C operation
• 16 to 32 VDC input voltage
• Fully isolated
• Opto-coupler feedback
• Switching frequency
Single and dual outputs
typical 80 kHz, variable freq.
Triple output 200 kHz, fixed
• Topology – Flyback
• Inhibit function
• Indefinite short circuit protection
• Up to 75% efficiency
• Requires external capacitors
DESCRIPTION
The HR40 Series™ DC/DC converters offer the high efficiencies
associated with switching regulators, yet have full isolation of input
and output grounds. The units are built using thick-film hybrid tech-
nology and are sealed in metal packages for high-reliability applica-
tions. All models are guaranteed to pass a gross leak test (maximum
leak rate of 1 x 10-3 atm-cc/sec).
The HR40 Series devices are flyback energy storage switching
regulators which require a minimum of components resulting in
small package size. Single and dual models self-oscillate at an
operating frequency which is an approximate inverse function of the
load. At full load, the frequency is typically 80 kHz for single and dual
output models. Triple output models operate at a fixed frequency of
approximately 200 kHz. A transformer in the forward power circuit
and an opto-coupler in the feedback/control loop maintain input to
output isolation.
Models are available with single 5 volt, dual 12 or 15 volt, or triple
(+5 and either ±12 or ±15) outputs with an input voltage range of 16
to 32 VDC. Output power of up to 4 watts is available from the dual
output models for either balanced or unbalanced loads; however, at
least 25% of the total load should be on the positive output. The
single output device can provide 3.5 watts, and the triple output can
supply up to 3.2 watts. The high efficiency is almost constant over
the entire input voltage range and from approximately 25% of full
load to full load. This makes the unit ideal for battery applications.
An open collector TTL inhibit is provided to allow power shutdown
and startup from a logic input. An open circuit on the inhibit terminal
(pin 15) gives normal operation, and a TTL low level shuts down the
converter. The inhibit pin has an open circuit voltage of 12 to 28 V.
Input current in the shutdown mode will be less than 15 mA. Current
limiting is provided on each output for indefinite short circuit protec-
tion.
Due to the high efficiency, heat sinking requirements are minimized,
but consideration should be given to removing self-generated heat
when operating these devices at maximum ratings. To increase
dissipation, heat conducting material (PCB, copper sheet, heat sink,
etc.) should be brought into contact with the converter’s baseplate.
The converter can be operated at full load at a case temperature of
85°C, with the output power derated linearly to zero at 105°C.
WARNING:EXTERNAL CAPACITORS REQUIRED
External capacitors are required on the outputs. Operating the unit
without external capacitors will result in damage to the internal
circuitry. Minimum recommended capacitor values are given in
Tables 1 and 2. For optimum performance, low ESR (Equivalent
Series Resistance) solid tantalum capacitors are required. The
specifications on the following pages are based on the use of high-
quality solid tantalums. Operation with different types of capacitors
will seriously affect performance.
DC/DC CONVERTERS
28 VOLT INPUT
HR40 SERIES
4 WATT
Size (max.): 1.075 x 1.075 x 0.370 inches (27.31 x 27.31 x 9.40 mm)
See Section B8, case C2, for dimensions.
Weight:
20 grams maximum
Screening:
Standard only. See Section C2 for screening description.
MODELS
VDC OUTPUT
SINGLE
5
DUAL
±12
±15
TRIPLE
+5 & ±12
+5 & ±15


Similar Part No. - HR42-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR42-2812 INTERPOINT-HR42-2812 Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR42-2812 INTERPOINT-HR42-2812 Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR42-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com