Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCH0515D Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # DCH0515D
Description  DC/DC CONVERTERS 5 OR 28 VOLT INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

DCH0515D Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  DCH0515D Datasheet HTML 1Page - Crane Aerospace & Electronics. DCH0515D Datasheet HTML 2Page - Crane Aerospace & Electronics. DCH0515D Datasheet HTML 3Page - Crane Aerospace & Electronics. DCH0515D Datasheet HTML 4Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN OUT
TYPICAL CHARACTERISTICS
Output Voltage Tolerance (Full Load)
• 5 volt output models
±0.25
• 15 volt output models
±0.5
Line Regulation
• Output is directly proportional to input voltage.
Output Voltage Temperature Coefficient
• 0.02%/°C maximum
Converter Frequency
• 100 kHz typical
Isolation
• 100 megohm minimum at 500 V
Note
1.Pins 14 and 15 are connected inter-
nally on single output models.
Notes
1.Nominal output voltage is correct only for nominal input voltage. Output voltage changes in proportion to input voltage.
2.Output ripple results require the connection of a tantalum capacitor (22 μF minimum) across each output.
Pin Designation
1
Positive Input
2
No Connection
3
Input Common
8
No Connection
9
Case
14
Negative Output
1
15
Output Common
1
16
Positive Output
ABSOLUTE MAXIMUM RATING
Output Power
• 3 watts
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –55°C to +125°C
RECOMMENDED OPERATING CONDITION
Input Voltage Range (VDC)
• 5 volt input models
4.0 to 6.5
• 28 volt input models
20.0 to 32.0
Case Operating Temperature (Tc)
• –55°C to +100°C full power
BOTTOM VIEW
DCH
Dot on top of cover
indicates pin one.
18
16
9
23
14
15
See case A3 for dimensions
DCH
28 12
D / ES
Base Model
Input Voltage
Output Voltage
Number of Outputs
(S = single, D = dual)
Screening
(Standard screening has no designator
in this position.)
MODEL NUMBERING KEY
FIGURE 6: PIN OUT
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MODEL
NUMBER
INPUT
VOLTAGE
NOMINAL
VDC
OUTPUT
VOLTAGE
NOMINAL
VDC
OUTPUT
CURRENT
NOMINAL VDC
TC = -55°C TO
+100°C MAX
mA
OUTPUT
CURRENT
NOMINAL VDC
TC = -55°C TO
+100°C MAX
W
EFFICIENCY
FULL LOAD
MIN
%
LOAD
REGULATION
50% TO FULL
LOAD
TYP
mV
INPUT
CURRENT
2
10% LOAD
MAX
mA
OUTPUT
RIPPLE
MAX
mV-pp
DCH0505S
5
5
400
2.0
67
470
220
300
DCH0512S
5
12
208
2.5
72
830
250
200
DCH0512D
5
±12
±104
2.5
72
830
250
100
DCH0515D
5
±15
±83
2.5
72
830
250
100
DCH2805S
28
5
500
2.5
68
450
50
300
DCH2812S
28
12
250
3.0
75
375
50
200
DCH2812D
28
±12
±125
3.0
75
375
50
100
DCH2815D
28
±15
±100
3.0
75
375
50
100
2
DCH SERIES
3 WATT
DC/DC CONVERTERS


Similar Part No. - DCH0515D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH01 TI1-DCH01 Datasheet
417Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
logo
Sanyo Semicon Device
DCH010 SANYO-DCH010 Datasheet
23Kb / 2P
   Ultrahigh-Speed Switching Diodes
logo
Texas Instruments
DCH010505D TI-DCH010505D Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505D TI1-DCH010505D Datasheet
417Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
More results

Similar Description - DCH0515D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com