Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR701-2815 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # HR701-2815
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR701-2815 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  HR701-2815 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 6Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 7Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 8Page - Crane Aerospace & Electronics. HR701-2815 Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
B4-36
HR700 SERIES
70 WATT
DC/DC CONVERTERS
CALCULATING MAXIMUM AMBIENT TEMPERATURE
The HR700 Series of DC/DC converters has an upper operating
temperature of + 85°C at the baseplate of the case. The degree of
heat sinking required to remain within this limit may be determined
from Figure 1 which shows the maximum allowed internal power
dissipation (PDISS vs. ambient temperature for various heat sink
thermal resistances. PDISS may be calculated as:
PDISS = POUT / efficiency – POUT
The efficiency for all combinations of POUT and VIN for the various
models may be obtained from the graphs on the preceding pages.
Example:
Converter = HR702-2815, TAMB = 70°C,
VIN = 28 VDC, POUT = 45 watts
Efficiency = 85% (From Figure 7)
PDISS = (45 / 85) – 45 = 7.95 watts
From Figure 1 we can see that this situation will require thermal
resistance of approximately 4.5°C / watt.
Conversely we may also find the maximum ambient temperature
which can be tolerated if we know the heat sink thermal resistance.
Example:
Converter = HR701-2805, VIN = 28 VDC, POUT = 45 W.
Thermal Resistance = 3°C / watt.
Efficiency = 83.5% (From Figure 3)
PDISS = (45 / 0.835) – 45 = 8.89 watts.
From Figure 1 we can see that the maximum allowed ambient
temperature is approximately 75°C.
HEAT SINK RECOMMENDATIONS
An HR700 Series converter in still air (other than convective
currents) and with no conductive cooling paths other than through
electrical connections at the pins will exhibit a thermal resistance of
approximately 4°C / watt. In cases where this value proves to be too
high it is recommended that additional heat sinking be supplied. The
simplest method of accomplishing this is to firmly attach the
converter to a PCB thereby providing a conductive thermal path.
Secondly it is recommended that airflow be provided over the
converter. Although each situation requires a thorough thermal
analysis these two measures can reduce the thermal resistance to
as low as 2°C / watt. If calculations indicate further heat sinking is
required it is recommended that additional thermal mass be
provided either under the base plate or on top of the converter's
mounting flanges or both.
THERMAL MANAGEMENT
Degrees Centigrade
20
° 40° 60° 80° 100° 120° 140°
20
15
10
5
U=4
°C/W
U=3
°C/W
U=2
°C/W
U=0
°C/W
Internal Power Dissipation (max)
vs. Ambient Temperature
FIGURE 1


Similar Part No. - HR701-2815

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR701-2815 INTERPOINT-HR701-2815 Datasheet
120Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR701-2815

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com