Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHE2812S Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # MHE2812S
Description  DC/DC CONVERTERS 12 AND 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHE2812S Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MHE2812S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
MHE SERIES
20 WATT
DC/DC CONVERTERS
Note
1. Guaranteed by design, not tested.
2. On dual output models at least 25% of the load should be on the positive output.
Electrical Characteristics: 25°C Tc, 28 VDC Vin (12 Vin for 12 V models), 100% load, unless otherwise specified.
SINGLE AND DUAL MHE28XX MODELS
MHE2805S
MHE2812S
MHE2815S
MHE2812D
MHE2815D
PARAMETER
CONDITIONS
MIN TYP MAX
MIN TYP MAX
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
4.95 5.00 5.05
11.88 12.00 12.12 14.85 15.00 15.15
±11.88 ±12.00 ±12.12 ±14.85 ±15.00 ±15.15
VDC
OUTPUT CURRENT2
–55 TO +85°C
3.0
1.67
1.33
±0.63
±0.5
A
OUTPUT POWER2
–55 TO +85°C
15
20
20
15
15
W
OUTPUT RIPPLE
VOLTAGE
0 - 1 MHz
35
60
60
80
30
60
30
50
30
50
mV p-p
LINE REGULATION
VIN MIN TO MAX
2
10
3
10
3
10
3
12
3
15
mV
LOAD REGULATION
NO LOAD TO FULL
10
20
5
15
5
15
5
15
5
15
mV
INPUT VOLTAGE
CONTINUOUS
17
28
40
17
28
40
17
28
40
17
28
40
17
28
40
VDC
TRANSIENT 50 ms
50
50
50
50
50
V
INPUT CURRENT
NO LOAD
18
30
30
35
35
mA
INPUT RIPPLE
CURRENT
10 kHz - 2 MHz
20
50
25
50
25
50
25
50
25
50
mA p-p
EFFICIENCY
78
81
79
82
80
83
76
79
76
79
%


Similar Part No. - MHE2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHE2812SF/ES INTERPOINT-MHE2812SF/ES Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
More results

Similar Description - MHE2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com