Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSR28512D Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MSR28512D
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSR28512D Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MSR28512D Datasheet HTML 1Page - Crane Aerospace & Electronics. MSR28512D Datasheet HTML 2Page - Crane Aerospace & Electronics. MSR28512D Datasheet HTML 3Page - Crane Aerospace & Electronics. MSR28512D Datasheet HTML 4Page - Crane Aerospace & Electronics. MSR28512D Datasheet HTML 5Page - Crane Aerospace & Electronics. MSR28512D Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B4-27
MODELS
VDC OUTPUT
FEATURES
• –55°C to +85°C operation
• 16 to 32 VDC input
• Fully isolated
• Opto-coupler feedback
• Switching frequency
Single and dual outputs
typical 80 kHz, variable freq.
Triple output - 200 kHz, fixed
• Topology – Flyback
• 40 V for 50 ms transient protection
• Inhibit function
• Indefinite short circuit protection
• Up to 70% efficiency
• External capacitors required
SINGLE
5
DUAL
±12
±15
TRIPLE
+5 & ±12
+5 & ±15
DESCRIPTION
The MSR Series™ DC/DC converters provide the high efficiencies
associated with switching regulators, yet have full isolation between
input and output. Interpoint builds the MSR converters using thick-
film hybrid technology and seals them in metal packages for military,
aerospace, and other high-reliability applications. The solder sealed
packages of the standard models pass a dip gross leak hermeticity
test. Environmentally screened models pass a fine leak hermeticity
test. See Section C2 for a complete list of screening options.
CONVERTER DESIGN
A footprint of just over one square inch makes the MSR Series
DC/DC converters one of Interpoint’s smallest converters. These
converters incorporate a flyback topology which requires a minimum
of components resulting in small package size. Single and dual
models self-oscillate at an operating frequency which is an approx-
imate inverse function of the load. At full load, the frequency is typi-
cally 80 kHz for single and dual output models. Triple output models
operate at a fixed frequency of approximately 200 kHz. A trans-
former in the forward power circuit and an opto-coupler in the feed-
back/control loop maintain input to output isolation.
CONVERTER OPERATION
MSR Series DC/DC converters feature an input voltage range of 16
to 32 VDC and can withstand a transient of up to 40 V for up to 50
msec. They offer a choice of five different output voltage (VDC)
configurations: +5 , ±12 , ±15, +5 main with ±12 auxiliaries, and +5
main with ±15 auxiliaries. Dual output models deliver up to 4 watts
for either balanced or unbalanced loads, however, at least 25% of
the total load should be on the positive output. The single output
model supplies up to 3.5 watts of output power while the triple output
models supply up to 3.2 watts. The high efficiency remains almost
constant over the entire input voltage range and from approximately
25% of full load to full load. This makes the MSR Series converters
ideal for either battery or aircraft power applications.
INHIBIT FUNCTION
The open collector TTL compatible inhibit terminal is referenced to
input common. Inhibiting the converter by pulling the inhibit terminal
(pin 15) low results in an input current as low as 2 mA for the
MSR2805S. The inhibit terminal has an open circuit voltage of 12
to 28 V.
SHORT CIRCUIT PROTECTION
Each output has current limiting circuitry for indefinite short circuit
protection providing that the case temperature does not exceed the
specified limits. Under short circuit conditions the input current is
reduced to less than full load input current and the output short
circuit current remains higher than full load output current.
MINIMAL HEAT SINKING
The MSR Series converters’ high efficiency minimizes heat sinking
requirements, but care should be taken to remove self-generated
heat to prevent exceeding the maximum case temperature. Heat
conducting material (PCB, copper sheet, heat sink, etc.) in contact
with the converter’s baseplate can help to increase heat dissipation.
The converter can be operated at full load at a case temperature of
85°C, with the output power derated linearly to zero at 115°C.
WARNING:EXTERNAL CAPACITORS REQUIRED
External capacitors are required on the outputs. Operating the unit
without external capacitors will result in damage to the internal
circuitry. Minimum recommended capacitor values are given in
Tables 1 and 2. For optimum performance, low ESR (Equivalent
Series Resistance) solid tantalum capacitors are required. The
specifications on the following pages are based on the use of high-
quality solid tantalums. Operation with different types of capacitors
will seriously affect performance.
DC/DC CONVERTERS
28 VOLT INPUT
MSR SERIES
4 WATT
Size (max.): 1.075 x 1.075 x 0.370 inches (27.31 x 27.31 x 9.40 mm).
See Section B8, case C2, for dimensions.
Weight:
20 grams maximum.
Screening:
Standard or ES.See Section C2 for screening options,
see Section A5 for ordering information.


Similar Part No. - MSR28512D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MSR28512T/ES INTERPOINT-MSR28512T/ES Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MSR28512D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com