Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTO1212T Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MTO1212T
Description  DC/DC CONVERTERS 12 & 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTO1212T Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MTO1212T Datasheet HTML 1Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 2Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 3Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 4Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 5Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 6Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 7Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 8Page - Crane Aerospace & Electronics. MTO1212T Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODELS
VDC OUTPUT
B4-23
FEATURES
• –55°C to +85° C operation
• 9 to 16 or 16 to 36 VDC input
• Fully isolated
• Opto-coupler feedback
• Fixed frequency, 250 kHz typical
• Topology – Push-Pull Forward
• 50 V for 50 ms transient protection
• Inhibit function
• Indefinite short circuit protection
• Up to 79% efficiency
TRIPLE
+5 & ±12
+5 & ±15
DESCRIPTION
Interpoint’s MTO Series™ of DC/DC converters delivers 15 watts of
output power with three output voltages and a choice of two input
voltage ranges. The MTO Series converters are packaged in
hermetically sealed metal cases and operate at full load over a case
temperature range of -55°C to +85°C (measured at the base plate
of the converter).
CONVERTER DESIGN
The push-pull forward topology coupled with pulse-width modulation
minimizes output noise and maintains good regulation. Nominal
switching frequency is 250 kHz. Although an internal input filter
reduces input ripple current, for applications requiring conformance
to MIL-STD-461C, CE03, use the MTO in conjunction with
Interpoint’s FM-461 EMI filter.
Operating at maximum ratings may require removing self-generated
heat. To increase heat dissipation, heat conducting material can be
used in contact with the converter’s base plate. Interpoint’s Thermal
Mounting Pad (TMP), model TMP-002, is designed for use with the
MTO converter.
FEATURES
An inhibit terminal, pin 8, provides shut-down and start-up control.
Applying a logic low (<0.8 V) will disable the output of the converter
reducing input current to 8 mA, typical. Leaving the terminal uncon-
nected or connecting it to Vin will enable the converter. The inhibit
pin has an open circuit voltage of approximately 10 volts.
Soft-start provides a controlled 20 milliseconds turn-on to minimize
inrush current and reduce overshoot at initial start-up or when inhibit
is released.
Internal current limiting circuitry protects all three outputs against
short circuits. When output power exceeds approximately 125% of
maximum output power, the output currents are limited. In addition,
separate current limiting circuitry protects each output individually.
PACKAGING
MTO converters are packaged in hermetically sealed metal cases.
The cases are constructed of cold-rolled steel with a fused tin finish.
MTO converters can be purchased in a flanged or non-flanged case.
The flanged option provides increased heat dissipation and also
provides greater stability when mechanically secured.
DC/DC CONVERTERS
12 & 28 VOLT INPUT
MTO SERIES
15 WATT
Size (max.): Non-flanged, case F4, 1.950 x 1.350 x 0.505 inches (49.53 x 34.29 x 12.83 mm)
Flanged, case J5, 2.720 x 1.350 x 0.505 inches (69.09 x 34.29 x 12.83 mm)
See Section B8, cases F4 and J5, for dimensions.
Weight:
53 grams typical
Screening:
Standard or ES. See Section C2 for screening options, see Section A5 for
ordering information.


Similar Part No. - MTO1212T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
MTO1212TF/ES INTERPOINT-MTO1212TF/ES Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
More results

Similar Description - MTO1212T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com