Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTW2812DES Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MTW2812DES
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTW2812DES Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MTW2812DES Datasheet HTML 1Page - Crane Aerospace & Electronics. MTW2812DES Datasheet HTML 2Page - Crane Aerospace & Electronics. MTW2812DES Datasheet HTML 3Page - Crane Aerospace & Electronics. MTW2812DES Datasheet HTML 4Page - Crane Aerospace & Electronics. MTW2812DES Datasheet HTML 5Page - Crane Aerospace & Electronics. MTW2812DES Datasheet HTML 6Page - Crane Aerospace & Electronics. MTW2812DES Datasheet HTML 7Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODELS
VDC OUTPUT
B4-9
Size (max.): 2.720 x 1.350 x 0.505 inches (69.09 x 34.29 x 12.83 mm)
See Section B8, case J5, for dimensions.
Weight:
60 grams max.
Screening:
Standard or ES. See Section C2 for screening options,
see Section A5 for ordering information.
FEATURES
• –55°C to +85°C operation
• 18 to 40 VDC input
(19 to 40 VDC MTW2805S)
• Fully Isolated
• Optocoupler feedback
• Fixed frequency
• Topology – Push-Pull Forward
• 50 V for up to 50 ms transient protection
• Inhibit function
• Indefinite short circuit protection
• Remote sense on MTW2805S model
• Up to 86% efficiency
SINGLE
5
12
15
DUAL
±12
±15
DESCRIPTION
The MTW Series™ of DC/DC converters offer the high efficiency
and wide input voltage range of switching regulators with the isola-
tion, excellent output regulation, and low output noise typical of
linear regulators without requiring the use of external components.
MTW converters are built using thick-film hybrid technology and are
sealed in metal packages for military, aerospace and other high-reli-
ability applications. Unscreened models are sealed with solder and
are guaranteed to pass a gross leak test (maximum leak rate of 1 x
10-3 atm.-cc/sec). Environmentally screened models (/ES) are
hermetically sealed with solder and will pass a fine leak and gross
leak test as described in Section C2.
MTW converters use a constant frequency pulse-width modulated
switching regulator design operating in the forward mode with a
clock switching frequency of 240 to 300 kHz. Isolation is achieved
through the use of a transformer in the forward power circuit and an
optocoupler in the feedback control loop. The full load output power
of 30 watts is available over the entire 18 to 40 VDC (19 to 40 VDC
for MTW2805S) input range. On dual output models, up to 90% of
full power is available from either output up to a combined total of 30
watts. Input transients of 50 V to up to 50 ms. duration will not impair
normal operation.
Efficiency is high over the entire input voltage range and from
approximately 25% of full load to full load (see typical efficiency
curves).
MTW converters are provided with indefinite short circuit protection
through the use of current limiting techniques. When the output
current reaches approximately 125% of the full rated load, the
output voltage begins to reduce to protect the converter. The
converter can sustain a true short circuit condition indefinitely.
With temperatures measured at the baseplate, the MTW Series is
rated for full power operation from –55°C to +85°C with the power
derated linearly to 0 at 115°C. The MTW’s flanged case facilitates
removal of heat and provides for mechanically secure mounting.In
applications requiring full power operation, an efficient heat sink
attached to the baseplate is required.
An inhibit is provided to allow power shut-down and start-up from a
logic input. An open circuit on the inhibit pin allows normal operation,
while a connection between the inhibit pin and input common
disables the internal oscillator and shuts down the output. In the
inhibit mode, approximately 1 mA must be sunk from pin the inhibit
pin. An open collector, active low, is required to activate the inhibit
function.
All MTW converters are characterized by close output regulation
over the entire operating range with no minimum power require-
ment. On 12 and 15 VDC output models, typical line regulation is 10
to 20 mv. The MTW2805S model uses external remote sense pins
which monitor the voltage at the load to provide typical regulation in
the 5 to 7 mV range. The voltage sensing circuitry operates in a true
four terminal voltage mode, eliminating the adverse effects of line
resistance voltage drops. The remote sense pins may be left uncon-
nected, but see cautions in on the following pages. For normal oper-
ation, remote sense pins should be connected to their respective
output pins.
The MTW Series offers low noise on both the input and output line.
in the single output converters, two-section L-C filters at both the
input and output limit output ripple voltage and minimize reflected
ripple on the input line. A small value (1000 pF, 500 V) ceramic
capacitor connected between the case and input common pin of the
single volt output models will reduce EMI on the input lines to levels
near those required by MIL-STD-461C’s CE03 standard. In the dual
output converters, single-section L-C filters are used at the input
and outputs. If compliance with MIL-STD-461 is necessary, use of
Interpoint’s FMA-416 EMI filter or FM-704A transient suppressor is
recommended.
DC/DC CONVERTERS
28 VOLT INPUT
MTW SERIES
30 WATT


Similar Part No. - MTW2812DES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MTW2812D INTERPOINT-MTW2812D Datasheet
445Kb / 6P
   ??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
MTW2812D/ES INTERPOINT-MTW2812D/ES Datasheet
95Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MTW2812DES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com