Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFCS28-461SKH Datasheet(PDF) 8 Page - Crane Aerospace & Electronics.

Part # SFCS28-461SKH
Description  SFCS28-461 EMI Input Filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SFCS28-461SKH Datasheet(HTML) 8 Page - Crane Aerospace & Electronics.

  SFCS28-461SKH Datasheet HTML 1Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 2Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 3Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 4Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 5Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 6Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 7Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 8Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
teSt perFOrMed
Space
prOtOtype O
claSS
claSS
(end iteM level)
nOn
-QMl1
H, QMl
k, QMl
Non-destruct bond pull2
Method 2023
no
yes3
yes
Pre-cap Inspection
Method 2017, 2032
yes
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to 150°C, ambient
yes
yes
yes
Constant Acceleration
Method 2001, 3000 g
yes
yes
yes
PIND Test
Method 2020, Cond. A
no
yes3
yes
Pre burn-in test
yes
yes
yes
Burn-in
Method 1015, 125°C case, typical
96 hours
yes
no
no
160 hours
no
yes
no
2 x 160 hour (includes mid BI test)
no
no
yes
Final electrical test MIL-PRF-38534
Group A, Subgroups 1 through 6
-55°C, +25°C, +125°C case
yes
yes
yes
Radiography
Method 2012
N/A
N/A
yes
Post Radiography Electrical Test
Room temperature
N/A
N/A
yes3
Hermeticity test
Fine Leak, Method 1014, Cond. A
yes
yes
yes
Gross Leak, Method 1014, Cond. C
yes
yes
yes
Final visual inspection
Method 2009
yes
yes
yes
claSS H and k, Mil-prF-38534 envirOnMental Screening
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Space Prototype (O), non-QML products, do not meet all of the requirements of MIL-PRF-38534.
2. Not applicable to EMI filters that have no wirebonds.
3. Not required by DSCC but performed to assure product quality.
Crane Aerospace & Electronics Power Solutions
sFcs28-461 eMi input Filters
Page 8 of 9
Rev B - 20070404
28 Volt input – 5 aMp
www.craneae.com


Similar Part No. - SFCS28-461SKH

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405 COSEL-SFCS152405 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405B COSEL-SFCS152405B Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405C COSEL-SFCS152405C Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152412 COSEL-SFCS152412 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
More results

Similar Description - SFCS28-461SKH

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
STF28-461 INTERPOINT-STF28-461_07 Datasheet
498Kb / 10P
   STF28-461 EMI Input Filters
logo
Crane Aerospace & Elect...
STF28-461HH CRANE-STF28-461HH Datasheet
800Kb / 10P
   STF28-461 EMI Input Filters
SFMC28-461 CRANE-SFMC28-461 Datasheet
440Kb / 11P
   SFMC28-461 EMI Input Filters
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
logo
Vicor Corporation
QPI-9L VICOR-QPI-9L Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com