Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFLH2815SKR Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # SMFLH2815SKR
Description  SMFLHP Single and Dual DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFLH2815SKR Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  SMFLH2815SKR Datasheet HTML 1Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 2Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 3Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 4Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFLH2815SKR Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 19 to 40 VDC continuous
• 50 V for 50 msec transient
Output Power
• up to 100 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Power Dissipation (Pd)
• 20 watts
Case Operating Temperature (Tc)
• –55 to +125°C full power
• –55 to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 150 pF typical
Isolation
• 100 megohm minimum at 500 VDC, any pin to case
Audio Rejection
• 50 dB typical
Conversion Frequency
• Free run mode 600 kHz typical
550 kHz min, 650 kHz. max
• External sync range 525 to 675 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 = 9 to12 V, INH2 = 6 to 9 V
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
See case U for dimensions.
Weight (maximum)
86 grams
Screening
Space Prototype (O), Class H, or Class K Radiation tolerant to Radiation Hardness Assurance (RHA) levels of “-” (O), “P” or “R”, per
MIL-STD-38534. Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness
Assurance level of MIL-PRF-38534, which is defined as “no RHA”.
See “Class H and K, QML Screening” tables for more information.
Available configurations: OO, HO, HP, HR, KR
SYNC IN AND INHIBIT (INH1, INH2)
Sync In (525 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min, 5 V max
• Referenced to input common
• If not used, connect to input common
Sync Out
• Referenced to input common
Inhibit (INH1, INH2) Open Collector
• Logic low (output disabled)
Current –10 to –5 mA
INH1 referenced to input common
Logic low 0.8 V max
INH2 referenced to output common
Logic low 0.5 V max
• Logic high (output enabled)
Open collector
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 2 of 13
Rev H - 20071221
SMFLHP Single and Dual DC/DC Converters
28 VOLT INPUT – 100 WATT


Similar Part No. - SMFLH2815SKR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP INTERPOINT-SMFLHP Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMFLHP2805D/KR INTERPOINT-SMFLHP2805D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
More results

Similar Description - SMFLH2815SKR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com