Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMRT2812DKF Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # SMRT2812DKF
Description  SMRT Single, Dual and Triple DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT2812DKF Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  SMRT2812DKF Datasheet HTML 1Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 2Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT2812DKF Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TRIM TABLES
TRIM DOWN
Singles
R
TRIM should be connected between the Trim pin and Positive Sense pin.
Duals
R
TRIM should be connected between the Trim B pin and Positive Vout
B pin. This only trims output B, output A can use the sense pin to trim up
only.
Triples
R
TRIM should be connected between the Trim A pin and Positive Vout
A pin to adjust the Main output.
R
TRIM should be connected between the Trim B pin and Positive Vout
B pin to adjust the Auxiliary outputs.
R
TRIM = K (
Vout - Vmin
)
Vnom - Vout
Vout = Desired Voltage; K/Vmin/Vnom come from table below.
VNOM
KVMIN
% OF
RATED
3.3
3500
3.18
96
5.0
4520
4.16
83
12
11030
7.05
58
15
12900
7.65
51
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Single
Sense
Trim
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Dual
Vout B
Trim B
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Triple
Vout A
Trim A
Trim B
+Vout B
TRIM UP
Singles
R
TRIM should be connected between the Trim pin and Sense Return pin.
Duals
R
TRIM should be connected between the Trim B pin and Vout B Return
pin. This only trims output B, output A can use the sense pin to trim up
only.
Triples
R
TRIM should be connected between the Trim A pin and Vout A Return pin
to adjust the Main outputs.
R
TRIM should be connected between the Trim B pin and Vout B Return pin
to adjust the Auxiliary outputs.
R
TRIM = K (
Vmax - Vout
)
Vout - Vnom
Vout = Desired Voltage; K/Vmax/Vnom come from table below.
VNOM
KVMIN
% OF
RATED
MIN VIN
3.3
3000
3.70
112
22
5.0
3000
6.26
125
22
12
5300
14.69
122
19
15
5300
18.54
124
22
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Single
Sense Return
Trim
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Dual
Vout B Return
Trim B
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Triple
Vout A Return
Trim A
Trim B
Vout B Return
FIGURE 1: TRIM DOWN DIAGRAMS
FIGURE 2: TRIM UP DIAGRAMS
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 4 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT


Similar Part No. - SMRT2812DKF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT2812D INTERPOINT-SMRT2812D Datasheet
800Kb / 19P
   Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
SMRT2812D/KR INTERPOINT-SMRT2812D/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
More results

Similar Description - SMRT2812DKF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com