Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMRT28512TKP Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # SMRT28512TKP
Description  SMRT Single, Dual and Triple DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT28512TKP Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  SMRT28512TKP Datasheet HTML 1Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 2Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 19 to 56 VDC continuous
Output Power
• up to 35 watts depending on model
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• -65°C to +150°C
Case Operating Temperature (Tc)
• -55°C to +125°C full power
• -55°C to +135°C absolute
Power Dissipation (Pd)
• 20 to 28 W
Output Voltage Temperature Coefficient
• 100 ppm/°C max
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 50 dB typical
Conversion Frequency
• 300 kHz typical, 270 kHz min., 330 kHz max.
Radiation (will operate through)
• 1x1012 neutrons/cm2 neutron or proton fluence
• Radiation dose rate 1011 rads (Si) /sec
• Total dose up to 300 K rads (Si)
• SEU 60 MeV-cm2/mg
Cross Regulation
• 2.5% typical
• Applies to -VOAUX on triple models only
• Variation of -VOAUX from +PO=80%, -PO=20%
to +PO=20%, -PO=80%
• Referenced to 50%/50% balanced ±VOAUX loads
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
2.705 x 2.205 x 0.400 inches (68.71 x 56.01 x 10.16 mm)
See case S for dimensions.
Weight (maximum)
100 grams maximum
Screening
Space Prototype, Class H, or Class K
Radiation tolerant to Radiation Hardness Assurance (RHA) levels of “-” (O), “P”, “R”, or “F” per MIL-PRF-38534. Interpoint model
numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-
38534, which is defined as “no RHA”.
See “Class H and K, MIL-PRF-38534 Screening” tables for more information.
Available configurations: OO, HP, HR, KP, KR, KF
SYNC AND INHIBIT
Sync In 270-330 kHz typical
• Duty cycle 20% min, 80% max
• 2.5V p-p minimum amplitude
• 10V p-p maximum amplitude
• Can be referenced to input or output return
• If sync is used at lower end of the range, full load
operation is not guaranteed.
Inhibit
• Actve low (output disabled)
INH referenced to input common
Active low 0.4 V max
Inhibit pin current < 2mA
• Open collector (output enabled)
High >3.0V
Not to exceed 10V
Open Collector
Inhibit Pin Voltage
• 5 to 6 V
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 3 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT


Similar Part No. - SMRT28512TKP

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT28512T INTERPOINT-SMRT28512T Datasheet
800Kb / 19P
   Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
SMRT28512T/KR INTERPOINT-SMRT28512T/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
More results

Similar Description - SMRT28512TKP

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com