Selected language     English  ▼


T-1016 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1016
Description  RADSL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
FSCM No.
16714
1 of 1
T-1016
GLOBESPAN
RADSL Transformer
Reinforced Insulation Per
EN 41003/EN 60950
Schematic Diagram
Parameter
Min.
Max.
Units
Turns Ratio (1-3) : (5-8) with 6 & 7 shorted
1 : 3.93
1 : 4.17
Turns Ratio (2-4) : (5-8) with 6 & 7 shorted
1 : 1.96
1 : 2.08
Primary Inductance
25
30
µH
Pins 1-3, All others windings open
Leakage Inductance(1)
.5
µH
Leakage Inductance(2)
5
µH
Interwinding Capacitance(3)
30
pF
Interwinding Capacitance(4)
35
pF
Resistance pins (1-3)
0.5
ohms
Resistance pins (2-4)
1.0
ohms
Resistance pins (5-8)
2.0
ohms
with 6,7 shorted
Isolation (Hi-Pot)
3000
V
RMS
DC Bias
2
mA
Insertion Loss 35 kHz to 1.0 MHz
0.5
dB
Longitudinal Balance 35 KHz to 650 KHz
-60
dB
Signal Voltage (secondary)
15
Vp-p
THD, Total Harmonic Distortion
-90
dB
15 Vp-p @ 100 KHz at (5-8) with 6,7 shorted
Physical
Dimensions
inches (mm)
1. Tested at 100 KHz & 100 mV (1-3)
with 2,4 open 5,6,7,8 shorted
2. Tested at 100 KHz & 100 mV (2-4)
with 1,3 open 5,6,7,8 shorted
3. Tested at 100 KHz & 100 mV (1-3) to
(5-8) with 6,7 shorted
4. Tested at 100 KHz & 100 mV (2-4) to
(5-8) with 6,7 shorted
01/02/98
1
Bottom View
23
4
87
6
5
.200
(5.08)
TYP.
.120
(3.05)
MIN.
.415
(10.54)
Pin Diameter
is 0.024 (0.6)
.69
(17.5)
.81
(20.6)
.81
(20.6)
1
3
8
6
2
4
7
5




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-890RADSL Transformer 1 Rhombus Industries Inc.
T-890GRADSL Transformer 1 Rhombus Industries Inc.
T-891RADSL Transformer 1 Rhombus Industries Inc.
T-891GRADSL Transformer 1 Rhombus Industries Inc.
T-1014RADSL Transformer 1 Rhombus Industries Inc.
T-1014GRADSL Transformer 1 Rhombus Industries Inc.
TCT40-01E07KControl Transformer UL1585 Class 2 1 TRIAD MAGNETICS
VPS20-4000POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES 1 TRIAD MAGNETICS
VPS36-2200POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS
4838Audio Transformer 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl