Selected language     English  ā–¼


T-1022G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1022G
Description  MSDSL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
FSCM No.
16714
1 of 1
02/17/98
T-1022G
MSDSL Transformer
Supplementary Insulation
Requirements of IEC950
Turns Ratio (10-7) : (1-4) Shorted 2+3, 8+9
2 : 1 +1%
Turns Ratio (1-3) : (2-4)
1 : 1 +1%
Parameter
Min.
Typ.
Max.
Units
1Inductance 1-4 (shorted 2+3)
7.0
13
mH
Inductance 10-7 (shorted 8+9)
28
52
mH
2Leakage Inductance 1-4
15
ĀµH
Shorted 2+3, 8+9, 10+7
Resistance pins (1-3)
0.46
ohms
Resistance pins (2-4)
0.46
ohms
Resistance pins (10-8)
1.10
ohms
Resistance pins (9-7)
1.10
ohms
Isolation (Hi-Pot) PRI - SEC
2400
V
RMS
Insertion Loss at 100k
0.20
dB
Per IEEE method, (22.1 ohm load)
Longitudinal Balance 20 - 200kHz
55
15
dB
Per ITU method (L->M)
THD, Total Harmonic Distortion: 81 dB typ., 10kHz, 3.53Vrms, 22.1 ohm load,
100 ohm input ( shorted 2+3, 8+9).
1
3
10
8
2
4
9
7
Schematic Diagram
1. Tested at 10 KHz & 100 mV
2. Tested at 100 KHz & 100 mV
Physical Dimensions
inches (mm)
.148
(3.75)
TYP.
.039
(1.00)
TYP.
.385
(9.77)
.854
(21.7)
MAX.
.1.09
(27.7)
.81
(20.6)
.827
(21.0)
.012
(0.30)
TYP.
.07
(1.80)
10
9
8
7
6
12
3
4
5
Suggested Solder Pad Layout
.148
(3.75)
.787
(20.0)
.079
(2.0)
.11
(2.8)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCT40-06E07KControl Transformer UL1585 Class 2 1 TRIAD MAGNETICS
VPS24-3300POWER TRANSFORMER : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS
VPS230-570POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS
TEA4989Audio Line Matching Transformer 1 Filtran LTD
TEW4977CEPT/T1 Input/Output Transformer 1 Filtran LTD
TEW5316CEPT Output Transformer 1 Filtran LTD
TLA6821Audio Line Matching Transformer 1 Filtran LTD
TEW5413ISDN U-BUS/DNIC Input/Output Transformer 1 Filtran LTD
TEW5716CEPT/T1 Output Transformer 1 Filtran LTD
TEW6018ISDN U-BUS Input/Output Transformer 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl