Selected language     English  â–¼


T-1024 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1024
Description  Audio Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
5/29/97
Schematic Diagram
Impedance Matching Transformers
for telecommunications.
Audio Transformer P/N T-1024
PARAMETER
UNITS
Primary Impedance
600
Ω
With 374 ohms on Secondary.
Primary DC Resistance
108 + 10%.
Ω
Secondary DC Resistance
120 + 10%.
Ω
DC Current (Unbalanced)
0
mA
Frequency Response
+ 0.25
dB
200Hz - 4kHz
Insertion Loss @ 1kHz
2.0 +0.25dB
dB
Distortion
-82 Max.
dB
at 600 Hz, -10 dBm (V.34)
Longitudinal Balance
at 200 Hz to 1kHz
60 Min.
dB
at 1 kHz to 4kHz
40 Min.
dB
Turns Ratio
1 : 1 +2%
Isolation is 1250 VAC minimum
Longitudinal Balance is 60dB minimum
Designed to meet FCC part 68
Custom Designs Available
Physical
Dimensions
inches (mm)
PRI
SEC
FOOT PRINT
PIN 2 REMOVED
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3817AUDIO Line Matching Transformer 1 Filtran LTD
TLA4032Audio Line Matching Transformer 1 Filtran LTD
T-835Audio Transformer 1 Rhombus Industries Inc.
3853-2Audio Line Matching Transformer 1 Filtran LTD
TLA4215Audio Hybrid Transformer 1 Filtran LTD
T-843AUDIO Transformer 600W 1 Rhombus Industries Inc.
3853-XAudio Line Matching Transformer 1 Filtran LTD
TLA4529Audio Line Matching Transformer 1 Filtran LTD
T-880Digital Audio Transformer 1 Rhombus Industries Inc.
3858-3Audio Line Coupling / Bridging Transformer 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl