Electronic Components Datasheet Search
Selected language     English  ā–¼


T-1026 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1026
Description  U Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 of 1
T-1026
Schematic Diagram
U Interface Transformer
Turns Ratio (
+ 3 % )
1 : 0.8 : 0.8
03/09/98
1
62
4
3
5
Physical
Dimensions
inches (mm)
Pri.
Sec.
PARAMETER
MIN.
TYP.
MAX.
UNITS
1 Primary Inductance
13.0
14.5
15.95
mH
Pins 1-4.
1Leakage Inductance
24
ĀµH
1Interwinding Capacitance
134
pF
Primary DC Resistance
4.1
ohms
Pins 1-4
Secondary DC Resistance
3.5
ohms
Pins 2-3 or 6-5.
Isolation (Hi-Pot)
500
V
RMS
DC Bias
50
mA
1 Tested @ 10kHz & 100 mV
RMS
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-14508T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-995ISDN "S" Interface Transformer 1 Rhombus Industries Inc.
EPB5038GDiscrete Line Interface Transformer 1 PCA ELECTRONICS INC.
EPA3490GInterface Low Profile SMT Dual Transformer 1 PCA ELECTRONICS INC.
ISJ-100BISDN - SO Miniature Interface Transformer 1 Nuvotem Talema
T-14509T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-14510T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
LTM-110ALine Interface 56kbps Modem Transformer 1 2 Nuvotem Talema
T-14511T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-911HDSL Line Interface Transformer 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl