Electronic Components Datasheet Search
Selected language     English  ā–¼


T-1028 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1028
Description  U Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 of 1
T-1028
Schematic Diagram
U Interface Transformer
Turns Ratio (
+ 3 % )
1 : 1 :1.6 : 1.6
03/09/98
Physical
Dimensions
inches (mm)
PARAMETER
MIN.
TYP.
MAX.
UNITS
Primary Inductance1
10.8
12.0
13.2
mH
Pins 1-4.
Leakage Inductance1
24
ĀµH
Interwinding Capacitance1
29
pF
Primary DC Resistance
4.5
ohms
Pins 1-4
Secondary DC Resistance
4.0
ohms
Pins 2-3 or 6-5.
Isolation (Hi-Pot)
2000
V
RMS
DC Bias
60
mA
1. Tested @ 10kHz & 100 mV
RMS
1.02
(26.0)
MAX.
.512
(13.0)
MAX.
.17
(4.3)
.768
(19.5)
MAX.
.150
(3.81)
.200
(5.08)
.150
(3.81)
.025
(0.63)
DIA.
Clamps: .024 X .016
(0.6 X 0.4)
1
2
3
4
8
7
6
5
PIN POSITION GRID 0.100 (2.54)
HOLES FOR BOBBIN PINS
HOLES FOR CLIPS
8
7
6
5
1
2
3
4
4
3
5
6
2
1
7
8
Primary
Secondary
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-1150"U" INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-15106T3 DUAL INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-15810T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-1274GADSL Line Interface Transformer 1 Rhombus Industries Inc.
T-10167T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-13105PT3 Interface Transformer 1 Rhombus Industries Inc.
T-13220GU Interface Transformer 2B1Q Coding Applications 1 Rhombus Industries Inc.
T-13454ISDN S Interface Transformer 1 Rhombus Industries Inc.
20186ISDN-SO Miniature Interface Transformer 1 Nuvotem Talema
TGL-100ATGL Low Profile 1000Base-T Single Port Interface Transformer Modules 1 Nuvotem Talema

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl