Selected language     English  ▼


T-1032 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1032
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
1/24/96
T-1032
1 of 1
Manufactured with UL rated materials.
Electricals
INPUT: 48VDC (42V Min.)
OUTPUT: 5V @ 5A, 12V @ 2A, -12V @ 2A
AUXILLARY: 12V @ 0.1A
FREQUENCY: 96KHz
TEMPERATURE RISE: 30OC
TOPOLOGY: FORWARD
Winding
D.C Resistance
Pin 1 to 2
200 m
Pin 3 to 4
150 m
Pin 5 to 6
14 m
Pin 7 to 8
12 m
Pin 9 to 10
35 m
Pin 11 to 12
35 m
POWER
TRANSFORMER
75 Watt Forward Converter
Physical Dimensions
inches (mm)
Schematic Diagram
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CLQ7D23_06General Power Transformer 1 Sumida Corporation
CLQ61B_062 in 1 Power Transformer 1 Sumida Corporation
CLS4D23Power Inductor & 2 in 1 Power Transformer 1 2 Sumida Corporation
EPH2815BGeneral Power Transformer 1 Sumida Corporation
CMD-6LNGeneral Power Transformer Type: CMD Series> 1 2 Sumida Corporation
FD7-12Power Transformer Chassis Mount: Quick Pack 1 List of Unclassifed Manufacturers
VPS230-190POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS
EI-16General Power Transformer Type: EI Series> 1 Sumida Corporation
F-46XPOWER TRANSFORMER Chassis Mount: Single Secondary 1 TRIAD MAGNETICS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl