Selected language     English  ā–¼


T-1033 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1033
Description  20 WATT PUSH-PULL
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
FSCM
No. 16714
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
PARAMETER
MIN.
MAX.
UNITS
*Primary Inductance
27
mHy
(Pins 8 + 5 short 6 + 7)
**Primary Leakage Inductance
10
ĀµHy
(Pins 1 + 12 short 11 + 2 & 6,7,8,5)
DC Resistance (1-11, 2-12)
0.5
ohms
DC Resistance (8-6,7-5)
1.0
ohms
Isolation (Hi-Pot)
1000
V
RMS
PHYSICAL DIMENSIONS All dimensions in inches (mm):
*Tested at 1kHz 100Mv
**Tested at 10kHz 10Mv
TURNS RATIO 1:1:2:2 (1,11 : 2,12 : 8,6 : 7,5)
T-1033
10/22/95
20 WATT PUSH-PULL
SCHEMATIC DIAGRAM:
1
11
8
6
2
12
7
5




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC-7856CATV 22 dB PUSH-PULL AMPLIFIER 1 2 California Eastern Labs
HV50916-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs 1 2 3 4 5 MoreSupertex, Inc
LPV7215Micropower CMOS Input RRIO 1.8V Push-Pull Output Comparator Coming SoonIntersil Corporation
2AMPPJX22mm Non-Illuminated Mushroom Push-Pull Mental Large Operator 2AMPPJx 1 Altech corporation
KRS10F10 WATT Universal Input PCB Mountable Switching Power Supply 1 2 List of Unclassifed Manufacturers
DTL22AVoltage-Controlled 20 Amp 100 Watt Electronic Loads 1 2 3 4 List of Unclassifed Manufacturers
1SMC5.0AT3_071500 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
RAC05-3.3SA5 Watt Single & Dual Output 1 2 Recom International Power
REC3-053.3SRW_073 Watt DIP24 & SMD Single & Dual Output 1 2 3 Recom International Power
RK-1.81.8S_061 Watt SIP7 & DIP14 Single & Dual Output 1 2 3 Recom International Power

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl