Electronic Components Datasheet Search
Selected language     English  ā–¼


T-1034 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1034
Description  PUSH - PULL SINGLE OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
PARAMETER
MIN.
MAX.
UNITS
Inductance
8
mH
Primary DC Resistance
2.0
ohms
Secondary DC Resistance
2.4
ohms
Dielectric Strength
2000
VRMS
Output Power
1.5
Watts
Turns Ratio ( + 5% )
1CT:1CT
PUSH - PULL SINGLE OUTPUT
Test Conditions:
Inductance tested on Primary at 100mV and 100KHz
PHYSICAL DIMENSIONS All dimensions in inches (mm):
NAME:
SHEET:
DATE: 3/03/95
RHOMBUS P/N: T-1034
CUST P/N:
1
2
3
6
5
4
SCHEMATIC DIAGRAM:




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA1631S01_06Single CMOS Comparator Push Pull/Open Drain Output 1 2 3 4 5 MoreRenesas Technology Corp
SBT011W DC-DC Unregulated Single Output Converter 1 Mean Well Enterprises Co., Ltd.
SD-200200W Single Output DC-DC Converter 1 2 3 Mean Well Enterprises Co., Ltd.
SP-100100W Single Output with PFC Function 1 2 Mean Well Enterprises Co., Ltd.
PS-S100100W Single Output Industrial DIN Rail Power Supply 1 2 Altech corporation
PS-60_160W Single Output Industrial DIN Rail Power Supply 1 2 Altech corporation
ALT25W Single and 30W Dual output 1 2 Emerson Network Power
SIP8High Performance Single Output SIP Passive Delay Lines 1 Rhombus Industries Inc.
S10040240PGaAs Push Pull Hybrid 40 - 1000MHz 24.0dB min. Gain @ 1000MHz 255mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
S7540340GaAs Push Pull Hybrid 40 - 750MHz 34.0dB min. Gain @ 750MHz 280mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl