Selected language     English  ▼


T-1035 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1035
Description  Flyback Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
FSCM No. 16714
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Flyback Transformer
Parameter
Min.
Typ.
Max.
Units
Inductance
(1-10)
33
41
µH
Leakage Inductance
1.1
µH
Interwinding Capacitance
50
pF
DC Resistance
(1-10)
86
m
(2-9)
114
m
(3-6)
77
m
(4-7)
74
m
(5-8)
80
m
Hi-Pot
Pins (1-10) to
1000
V
RMS
(2-9) + (3-6) + (4-7) + (5-8)
Primary Peak Current
3.5
A
Operating Frequency
100
kHz
Schematic Diagram
1.00
1.25
0.85
0.85
0.85
T-1035
Physical
Dimensions
inches (mm)
09/13/96




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-928FLYBACK TRANSFORMER 1 Rhombus Industries Inc.
T-979Transformer Flyback 1 Rhombus Industries Inc.
T-1112FLYBACK TRANSFORMER with ELECTRO-MAGNETIC SHIELD 1 Rhombus Industries Inc.
T-836Flyback Transformer 1 Rhombus Industries Inc.
T-837Flyback Transformer 1 Rhombus Industries Inc.
T-838Flyback Transformer 1 Rhombus Industries Inc.
T-871Flyback Transformer 1 Rhombus Industries Inc.
T-872Flyback Transformer 1 Rhombus Industries Inc.
T-903Flyback Transformer 1 Rhombus Industries Inc.
T-904Flyback Transformer 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl