Selected language     English  ā–¼


T-1036 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1036
Description  Flyback Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
FSCM No. 16714
Turns Ratio (7-6:2-1, 5-4:2-1 & 4-3:2-1)
1:1
+ 2%
Flyback Transformer
Schematic Diagram
24 Vdc
65 mAdc
48 Vdc CT
65 mAdc
Parameter
Min.
Max.
Units
Inductance
(2-1)
30.4
45.6
mH
Leakage Inductance
0.5
ĀµH
DCResistance
(2-1)
0.180
ohms
DCResistance
(4-3)
0.180
ohms
DCResistance
(5-4)
0.180
ohms
DCResistance
(7-6)
0.180
ohms
Hi-Pot
(2-1) to (7-6) + (5-3)
1000
V
RMS
(7-6) to (5-3)
200
V
RMS
9 V @100 kHz
12
3
4
5
6
7
8
Physical
Dimensions
inches (mm)
NAME:
SHEET:
DATE: 11/14/98
RHOMBUS P/N: T-1036
CUST P/N:




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-928FLYBACK TRANSFORMER 1 Rhombus Industries Inc.
T-979Transformer Flyback 1 Rhombus Industries Inc.
T-1035Flyback Transformer 1 Rhombus Industries Inc.
T-1112FLYBACK TRANSFORMER with ELECTRO-MAGNETIC SHIELD 1 Rhombus Industries Inc.
T-836Flyback Transformer 1 Rhombus Industries Inc.
T-837Flyback Transformer 1 Rhombus Industries Inc.
T-838Flyback Transformer 1 Rhombus Industries Inc.
T-871Flyback Transformer 1 Rhombus Industries Inc.
T-872Flyback Transformer 1 Rhombus Industries Inc.
T-903Flyback Transformer 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl