Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4520 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74HCT4520
Description  High Speed CMOS Logic Dual Synchronous Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74HCT4520 Datasheet(HTML) 6 Page - Texas Instruments

  74HCT4520 Datasheet HTML 1Page - Texas Instruments 74HCT4520 Datasheet HTML 2Page - Texas Instruments 74HCT4520 Datasheet HTML 3Page - Texas Instruments 74HCT4520 Datasheet HTML 4Page - Texas Instruments 74HCT4520 Datasheet HTML 5Page - Texas Instruments 74HCT4520 Datasheet HTML 6Page - Texas Instruments 74HCT4520 Datasheet HTML 7Page - Texas Instruments 74HCT4520 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HCT TYPES
Propagation Delay
CP to Qn
tPLH,
tPHL
CL = 50pF
4.5
-
-
53
-
66
-
80
ns
CL = 15pF
5
-
22
-
-
-
-
-
ns
Enable to Qn
tPLH,
tPHL
CL = 50pF
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
5
-
23
-
-
-
-
-
ns
MR to Qn
tPLH,
tPHL
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
Output Transition Time
tTHL,tTLH
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Maximum Clock Frequency
fMAX
CL = 15pF
5
-
50
-
-
-
-
-
MHz
Power Dissipation Capacitance
(Note 4,5)
CPD
-5
-
33
-
-
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per counter.
5. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Timing Diagram
FIGURE 6.
CLOCK
ENABLE
MASTER RESET
HC4518
HC/HCT4520
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
123456789
0
1
23456789
0
123456789 10 11 12 13 14 15
0123 4
CD74HC4518, CD74HC4520, CD74HCT4520


Similar Part No. - 74HCT4520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4520 PHILIPS-74HCT4520 Datasheet
55Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HCT4520 NXP-74HCT4520 Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520D NEXPERIA-74HCT4520D Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
More results

Similar Description - 74HCT4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4520 TI-CD54HC4520 Datasheet
280Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HC4518 TI1-CD74HC4518_14 Datasheet
468Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com