Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT7046AM96 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT7046AM96
Description  Phase-Locked Loop with VCO and Lock Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT7046AM96 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74HCT7046AM96 Datasheet HTML 7Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 8Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 9Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 10Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 11Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 12Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 13Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 14Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
HCT Input Loading Table
INPUT
UNIT LOADS
INH
1
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
PHASE COMPARATOR SECTION
Propagation Delay
tPLH, tPHL
SIGIN, COMPIN to PC1OUT
2
-
-
200
-
250
-
300
ns
4.5
-
-
40
-
50
-
60
ns
6
-
-
34
-
43
-
51
ns
Output Transition Time
tTHL, tTLH
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Output Enable Time, SIGIN,
COMPIN to PC2OUT
tPZH, tPZL
2
-
-
280
-
350
-
420
ns
4.5
-
-
56
-
70
-
84
ns
6
-
-
48
-
60
-
71
ns
Output Disable Time, SIGIN,
COMPIN to PC2OUT
tPHZ, tPLZ
2
-
-
325
-
405
-
490
ns
4.5
-
-
65
-
81
-
98
ns
6
-
-
55
-
69
-
83
ns
AC Coupled Input Sensitivity (P-
P) at SIGIN or COMPIN
VI(P-P)
3
-
11
-
-
-
-
-
mV
4.5
-
15
-
-
-
-
-
mV
6
-
33
-
-
-
-
-
mV
VCO SECTION
Frequency Stability with
Temperature Change
∆f
∆T
R1 = 100kΩ,
R2 =
3
-
-
-
Typ 0.11
-
-
%/oC
4.5
-
-
-
-
-
%/oC
6-
-
-
-
-
%/oC
Maximum Frequency
fMAX
C1 = 50pF
R1 = 3.5kΩ
R2 =
3
-
-
-
-
-
-
-
MHz
4.5
-
24
-
-
-
-
-
MHz
6
-
-
-
-
-
-
-
MHz
C1 = 0pF
R1 = 9.1kΩ
R2 =
3
-
-
-
-
-
-
-
MHz
4.5
-
38
-
-
-
-
-
MHz
6
-
-
-
-
-
-
-
MHz
Center Frequency
fo
C1 = 40pF
R1 = 3kΩ
R2 =
VCOIN =VCC/2
3
7
10
-
-
-
-
-
MHz
4.5
12
17
-
-
-
-
-
MHz
6
14
21
-
-
-
-
-
MHz
Frequency Linearity
∆fVCO
R1 = 100kΩ
R2 =
C1 = 100pF
3-
-
-
-
-
-
-
%
4.5
-
0.4
-
-
-
-
-
%
6-
-
-
-
-
-
-
%
CD74HC7046A, CD74HCT7046A


Similar Part No. - CD74HCT7046AM96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT7046AM96 TI-CD74HCT7046AM96 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HCT7046AM96 TI-CD74HCT7046AM96 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HCT7046AM96E4 TI-CD74HCT7046AM96E4 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HCT7046AM96G4 TI-CD74HCT7046AM96G4 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results

Similar Description - CD74HCT7046AM96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com