Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC204 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDC204
Description  HEX INVERTER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC204 Datasheet(HTML) 6 Page - Texas Instruments

  CDC204 Datasheet HTML 1Page - Texas Instruments CDC204 Datasheet HTML 2Page - Texas Instruments CDC204 Datasheet HTML 3Page - Texas Instruments CDC204 Datasheet HTML 4Page - Texas Instruments CDC204 Datasheet HTML 5Page - Texas Instruments CDC204 Datasheet HTML 6Page - Texas Instruments CDC204 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CDC204
HEX INVERTER/CLOCK DRIVER
SCAS098E – OCTOBER 1989– REVISED OCTOBER 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
16 PIN SHOWN
4040000 / D 02/98
Seating Plane
0.400 (10,15)
0.419 (10,65)
0.104 (2,65) MAX
1
0.012 (0,30)
0.004 (0,10)
A
8
16
0.020 (0,51)
0.014 (0,35)
0.293 (7,45)
0.299 (7,59)
9
0.010 (0,25)
0.050 (1,27)
0.016 (0,40)
(15,24)
(15,49)
PINS **
0.010 (0,25) NOM
A MAX
DIM
A MIN
Gage Plane
20
0.500
(12,70)
(12,95)
0.510
(10,16)
(10,41)
0.400
0.410
16
0.600
24
0.610
0.004 (0,10)
M
0.010 (0,25)
0.050 (1,27)
0
°–8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-013


Similar Part No. - CDC204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC204 TI-CDC204 Datasheet
280Kb / 10P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC204DW TI-CDC204DW Datasheet
280Kb / 10P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC204DWG4 TI-CDC204DWG4 Datasheet
280Kb / 10P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC204DWR TI-CDC204DWR Datasheet
280Kb / 10P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC204DWRG4 TI-CDC204DWRG4 Datasheet
280Kb / 10P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
More results

Similar Description - CDC204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC204_15 TI-CDC204_15_15 Datasheet
280Kb / 10P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC203 TI-CDC203 Datasheet
89Kb / 6P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
CDC203 TI1-CDC203_11 Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com