Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC7046AM96E4 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC7046AM96E4
Description  Phase-Locked Loop with VCO and Lock Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AM96E4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC7046AM96E4 Datasheet HTML 2Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 3Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 4Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 5Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 6Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 7Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 8Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 9Page - Texas Instruments CD74HC7046AM96E4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
FIGURE 8. LOCK DETECTOR CAPACITOR SELECTION CHART
FIGURE 9. WAVEFORM PRESENT AT LOCK DETECTOR CAPACITOR WHEN UNLOCKED
10M
1M
100K
10K
1K
100
10
10
100
1K
10K
100K
1M
10M
100M
f, VCO CENTER FREQUENCY (HZ)
VCAP
VTH
LOCK
DETECTOR
OUTPUT
PIN 1
CLD
PIN 15
LOCK
DETECTOR
CAPACITOR
1.5k
150
LOSS OF LOCK
CD74HC7046A, CD74HCT7046A


Similar Part No. - CD74HC7046AM96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC7046AM96E4 TI-CD74HC7046AM96E4 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results

Similar Description - CD74HC7046AM96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com