Selected language     English  ▼


T-1037 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1037
Description  SWITCH MODE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
12/11/01
T-1474
HIGH FREQUENCY MAGNETIC
www.rhombus-ind.com
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
2.3
mHy
Leakage Inductance
2.0
µHy
Interwinding Capacitance (C
W/W)25
pF
Primary DC Resistance
0.98
ohms
Secondary DC Resistance
1.18
ohms
Isolation (HI-POT)
500
V
RMS
TEST CONDITIONS:
Oscillation Voltage = 50mV
Oscillation Frequency = 10.0 KHz
Inductance measured on Primary winding. Pins 1 - 3.
R
UL 1459 Recognized
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Temperature Characteristics:
-40o C to +85o C
Turns Ratio ( + 5% )
1 : 1CT
6
3
1
4
.330
(8.38)
Typ
.250
(6.35)
.560
(14.22)
Typ
.440
(11.17)
Typ
.150
(3.81)
TYP.
.110 (2.79)
+ 0.010 (0.25)
.023 Dia.
(0.584)
Typ
2
5
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
SCHEMATIC
3
1
4
5
6




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-693SWITCH MODE TRANSFORMER 1 Rhombus Industries Inc.
TEA2261_03SWITCH MODE POWER SUPPLY CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
FSDH0265RN_05Green Mode Fairchild Power Switch FPSTM 1 2 3 4 5 MoreFairchild Semiconductor
FSDL0365RN_05Green Mode Fairchild Power Switch FPSTM 1 2 3 4 5 MoreFairchild Semiconductor
EV00072A MP1580 Step Down Switch Mode Converter 1 2 3 4 Monolithic Power Systems
PS2070Switch Mode Charger Evaluation Board 1 2 3 4 5 MoreMicrochip Technology
LM5001High Voltage Switch Mode Regulator Coming SoonNational Semiconductor (TI)
FSDM0465RE_07Green Mode Fairchild Power Switch FPS™ 1 2 3 4 5 MoreFairchild Semiconductor
UPS601HIGH PERFORMANCE CURRENT MODE POWER SWITCH 1 2 3 4 5 MoreUnisonic Technologies
FSDM0565RB_06Green Mode Fairchild Power Switch FPSTM 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl