Electronic Components Datasheet Search
Selected language     English  ▼


T-1044 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1044
Description  PCMCIA Modem Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
-10 dB
0 dB
+10dBm
300 Hz -79 dB
-71 dB
-56 dB
600 Hz -85 dB
-78 dB
-66 dB
PCMCIA Modem
Transformer
1 of 1
7/23/96
T-1044
PR I
S EC
2
4
9
7
Schematic
Diagram
Typical Distortion Figures(T.H.D)
Electrical Specifications at 25OC
Parameter
Units
Impedance
PRI.
600
R Load
SEC.
294
Turns Ratio
1:1
Direct Current in Pri. (DCI)
maximum
0mA
DC Resistance
PRI. + 10%
156
SEC. + 10%
145
Insertion Loss
max. ref. 1 kHz
+ 0.25 dB
3.15
dB
Return Loss
300 Hz
min.
25
dB
Longitudinal Balance1
min., 200 Hz to 1000 kHz
60
dB
min. 1000 Hz to 4000 kHz
40
dB
Frequency Response
300 Hz to 3.5 kHz
+ 0.25
dB
T.H.D.2
max. 600 Hz, -10 dBm
-76
dB
Isolation
minimum
1250
V
RMS
1FCC 68.310
2see table below
Physical Dimensions
inches (mm)
6
7
8
9
10
5
4
2
1
Designed for PCMCIA type II card
Low distortion
Very Low Profile
Designed for use with V.32 and V.32bis
applications
Flat frequency and phase response
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-787PCMCIA Modem Transformer 1 Rhombus Industries Inc.
6648V.90 Modem Transformer 1 Filtran LTD
MT1610AMODEM Transformer 1 Sumida Corporation
6743V.32 Modem Transformer 1 Filtran LTD
7197V.90 Modem transformer 1 Filtran LTD
7250V.90 Modem Transformer 1 Filtran LTD
7352V.90 Modem Transformer 1 Filtran LTD
CBM103MODEM Transformer 1 Sumida Corporation
EPB5033ADSL Modem Transformer 1 PCA ELECTRONICS INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl