Selected language     English  ▼


T-1050 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1050
Description  Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
05/26/99
www.rhombus-ind.com
9
7
1
4
2
5
Schematic Diagram
Physical
Dimensions
inches (mm)
Transformer P/N T-1050
Designed for HDSL applications
Compatible with Brooktree
BT8970 and BT8973, at 1168 kbps
Materials used in construction of
this component meet or exceed
UL Class B and can be operated up to 130oC.
A Surface Mount version of this
transformer is available.
Notch on bobbin indicates
Terminal #1
Parameter
Min.
Typ.
Max.
Units
Inductance pins (1-5), Shorted 2,4
1.8
2.0
2.2
mH
Leakage Inductance
87
95
µH
Interwinding Capacitance
32
40
pF
DC Resistance pins (1-5)
3.1
3.41
Shorted 2-4
DC Resistance pins (9-7)
1.8
1.9
Hi-Pot
Pins (1,5) to (9,7)
2000
V
RMS
D.C. Current, pins (1-5), Shorted 2,4
250
mA
TURNS RATIO PRI : SEC (+2%)
2CT : 1




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VPS10-2500POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES 1 TRIAD MAGNETICS
VPS28-900POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS
TEW4229U-BUS/DNIC Input/Ouput Transformer 1 Filtran LTD
TEW5009T1/CEPT/ISDN Test Transformer 1 2 Filtran LTD
TEW5327T1/CEPT Output Transformer 1 Filtran LTD
TPA4499Audio Bridging Transformer 1 Filtran LTD
TEW5434CEPT/T1 Input Transformer 1 Filtran LTD
TEW5721CEPT/T1 Input/Output Transformer 1 Filtran LTD
TEW6055ISDN U-BUS Input/Output Transformer 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl