Electronic Components Datasheet Search
Selected language     English  ▼


T-1054 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1054
Description  ISDN TRANSFORMERS "U" INTERFACE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
Parameter
Min.
Typ.
Max.
Units
Inductance (1-4), Shorted pins 2,3 (1)
13.0
14.5
15.95
mH
Inductance (1-4), Shorted pins 2,3 (2)
12.4
mH
Leakage Inductance (3)
44
µH
Interwinding Capacitance (3)
50
pF
DC Resistance
(1-4)
12.5
With pins 2-3, Shorted
DC Resistance
(5-6)
8.9
Hi-Pot
Pins (1-10) to
2500
V
RM
Primary Impedance, Zp
128
135
141
Secondary Impedance, Zs
78
1. Measured at 40 kHz, 1.0 Vrms, 0 mAdc.
2. Measured at 40 kHz, 1.0 Vrms, 40 mAdc.
3. Measured at 100 kHz.
4/3/98
Schematic Diagram
1
2
3
4
6
5
ISDN TRANSFORMERS "U" INTERFACE
P/N T-1054
1
Bottom View
23
4
87
6
5
Physical
Dimensions
inches (mm)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-1048ISDN TRANSFORMERS "U" INTERFACE 1 Rhombus Industries Inc.
T-1049ISDN TRANSFORMERS "U" INTERFACE 1 Rhombus Industries Inc.
T-1053ISDN TRANSFORMERS "U" INTERFACE 1 Rhombus Industries Inc.
SMJ-100BISDN - SO SMD Single Interface Transformers 1 2 Nuvotem Talema
ISF-100B1ISDN SO DIL Style Through Hole Interface Transformers 1 Nuvotem Talema
T-15600ATM Interface Transformers 1 Rhombus Industries Inc.
T-15507ATM Interface Transformers 1 Rhombus Industries Inc.
T-995ISDN "S" Interface Transformer 1 Rhombus Industries Inc.
8100T1/CEPT ISDN PRI Transformers 1 Filtran LTD
B78386P111ISDN Transformers 1 2 EPCOS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl