Selected language     English  Ôľ╝


T-1055 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1055
Description  BASE/GATE DRIVER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
PARAMETER @25oC
MIN.
MAX.
UNITS
Inductance (Drive Winding)
1.5
mHy
Leakage Inductance
4
┬ÁHy
DCR Primary
0.4
Ohms
DCR Secondary
0.75
Ohms
Interwinding Capacitance
50
pF
Volt-Time Product
375
V
┬ÁS
Hipot
3750
V
RMS
1 OF 1
8/31/96
T-1055
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
Turns Ratio 1:1 +3%
Drive
Secondary
SCHEMATIC DIAGRAM:
BASE/GATE DRIVER TRANSFORMER
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX256_053W Primary-Side Transformer H-Bridge Driver for Isolated Supplies 1 2 3 4 5 MoreMaxim Integrated Products
SD250-1Base/Gate Driver Transformers 1 2 List of Unclassifed Manufacturers
CGDT76Gate Driver Transformer 1 Sumida Corporation
ADM2482E2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver 1 2 3 4 5 MoreAnalog Devices
ADP3120ADual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ECN3053FSingle chip driver IC 1 2 3 4 5 Hitachi Semiconductor
LM3503Dual-Display Constant Current LED Driver with Analog Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
HT1602L40 Dot Matrix LCD Segment Driver 1 2 3 4 5 MoreHoltek Semiconductor Inc
US72Single Coil Fan Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV824High Voltage EL Lamp Driver 1 2 3 Supertex, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl