Selected language     English  ▼


T-1061 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1061
Description  SCR Trigger Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
RHOMBUS P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
CUST P/N:
DATE:
NAME:
SHEET:
www.rhombus-ind.com
1 of 1
05/10/96
Schematic Diagram
SCR Trigger Transformer
PARAMETER
MIN.
MAX.
UNITS
Primary Inductance
5.0
mH
Pins 1-3 @ 100 KHz @1.0 VRMS
1Leakage Inductance
0.9
µH
1Interwinding Capacitance
60
pF
Primary DC Resistance (1-3)
3.0
Secondary DC Resistance (4-6)
3.0
Core loss Resistance
25
K
Parallel Self Resonance
E.T Constant
40
V
µS
Isolation (Hipot)
750
V
RMS
1Tested @ 100 KHz & 1V
RMS
Turns Ratio (
+ 3 % )
1 : 1
T-1061
Physical
Dimensions
inches (mm)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-524SCR Trigger Transformer 1 Rhombus Industries Inc.
PT-50_07Transformers Trigger SCR Isolation 1 2 3 Vishay Siliconix
T-20000SCR Trigger and Control Transformers 1 Rhombus Industries Inc.
12TTS08PBFSAFEIR Series PHASE CONTROL SCR Lead-Free PbF suffix 1 2 3 4 5 MoreInternational Rectifier
16TTS08Phase Control SCR 10 A 1 2 3 4 5 MoreVishay Siliconix
40TPS12APhase Control SCR 35 A 1 2 3 4 5 MoreVishay Siliconix
GPTG2044PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GPTP2220PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GPTR4154PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
TCT40-09E07ABControl Transformer UL1585 Class 2 1 TRIAD MAGNETICS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl