Selected language     English  ▼


T-1065 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1065
Description  DC/DC Converter Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
05/15/98
Parameter
Min.
Typ.
Max.
Units
Inductance 1-10 (2-9, shorted)
405
650
µH
Leakage Inductance
0.55
µH
Interwinding Capacitance
25
pF
DC Resistance 1-10 (2,9 shorted)
0.06
DC Resistance
(5-6)
1.20
Hi-Pot
Primary to Secondary
500
V
RMS
Insulation Resistance
1000 M
Ω at 500 VDC.
Temperature
0O to + 85OC.
Physical
Dimensions
inches (mm)
Schematic Diagram
Materials used in construction of this
component meet or exceed UL Class B
and can be operated up to 130oC
Primary #1
Primary #2
Secondary
Bottom
View
1
5
6
10
PIN POSITION GRID 0.100 (2.54)
HOLES FOR BOBBIN PINS
HOLES FOR CLIPS
5
6
1
9
2
10
Turns Ratio (1-9 : 2-10 : 5-6)
1:1 : 4.33
+ 2%
1. Tested at 10 kHz - 100 mV
DC/DC Converter Transformer
P/N T-1065




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CLQ104BCar Audio Device DC/DC Converter Transformer 1 Sumida Corporation
TEP5606ISDN DC/DC Converter Transformer 1 Filtran LTD
TEP5844ISDN DC/DC Converter Transformer 1 Filtran LTD
XC9511Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
AAT1210High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming 1 2 3 4 5 MoreAdvanced Analogic Technologies
AP1604APWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
BD6066GUStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
EV2351DQ-00A4.75V to 23V Input 1.5A Output Step-Down DC/DC Converter 1 2 3 Monolithic Power Systems
G5J2596M150 KHz 3A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl