Selected language     English  ▼


T-1066 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1066
Description  Push Pull Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
05/2/98
Schematic Diagram
Materials used in construccion of
this component meet or exceed
UL Class B and can be operated
up to 130oC.
Parameter
Min.
Typ.
Max.
Units
Inductance pins (1-5)
274
µH
Leakage Inductance
0.84
µH
Interwinding Capacitance
26.0
pF
DC Resistance pins (1-5)
34
m
DC Resistance pins (6-10)
8.7
m
Hi-Pot Pins (1,3) to (6,4)
1100
V
RMS
1Current, pins (10-6)
2.25
A
Operating Frequency
100
kHz
1Average Current
*Average Power Dissipation
Turns Ratio
2CT : 1
+ 1%
Push Pull Transformer P/N T-1066
*40 WATTS
1
3
5
10
6
Primary
Secondary
Physical
Dimensions
inches (mm)
.100
(2.54)
MIN.
.920
(23.37)
MAX.
.740
(18.80)
MAX.
Terminal Dimensions
.015 (0.38) X .042 (1.07)
Typical, 10 EA.
.915
(23.24)
MAX.
.042
(1.07)
TYP.
Termination Numbers for Reference Only.
10
9
8
7
1
2
3
4
5
6
.800
(20.32)
.150
(3.81)
TYP.
Bottom View




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-1128350W PUSH PULL TRANSFORMER 1 Rhombus Industries Inc.
S8740240PGaAs Push Pull Hybrid 40 - 870MHz 23.5dB min. Gain @ 870MHz 255mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
T-1034PUSH - PULL SINGLE OUTPUT 1 Rhombus Industries Inc.
S8740240GTGaAs Push Pull Hybrid 40 - 870MHz 24.2dB min. Gain @ 870MHz 240mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
S8740220PGaAs Push Pull Hybrid 40 - 870MHz 22dB min. Gain @ 870MHz 270mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
S8740220GTGaAs Push Pull Hybrid 40 - 870MHz 22.7dB min. Gain @ 870MHz 240mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
S8740340GaAs Push Pull 40 - 870MHz 34.5dB min. Gain @ 870MHz 280mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
S8740200PGaAs Push Pull Hybrid 40 - 870MHz 20dB min. Gain @ 870MHz 260mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
LK722SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR Push - Pull 1 2 Polyfet RF Devices
S8740190Si Push Pull Hybrid 40 - 870MHz 18.5dB min. Gain @ 870MHz 240mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl