Selected language     English  ▼


T-1068 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1068
Description  ISDN TRANSFORMERS "U" INTERFACE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
Parameter
Min.
Typ.
Max.
Units
Inductance (1-4), Shorted pins 2,3 (1)
13.0
14.5
15.95
mH
Inductance (1-4), Shorted pins 2,3 (2)
12.4
mH
Leakage Inductance (3)
25
µH
Interwinding Capacitance (3)
40
pF
DC Resistance
(1-4)
12.5
With pins 2-3, Shorted
DC Resistance
(5-6)
5.45
Hi-Pot
Pins (1-10) to
2500
V
RM
Primary Impedance, Zp
128
135
141
Secondary Impedance, Zs
50
1. Measured at 40 kHz, 1.0 Vrms, 0 mAdc.
2. Measured at 40 kHz, 1.0 Vrms, 40 mAdc.
3. Measured at 100 kHz.
05/27/98
Schematic Diagram
1
2
3
4
6
5
ISDN TRANSFORMERS "U" INTERFACE
P/N T-1068
Physical
Dimensions
inches (mm)
1
2
3
.748
(18.99)
MAX.
Top View
4
5
6
1
2
3
Bottom View
4
5
6
.55
(14.0)
MAX.
.62
(15.6)
MAX.
.141
(3.59)
.424
(10.78)
.319
(8.10)
.658
(16.20)
.33
(8.4)
.18 (4.5)
.92
(23.4)
MAX.
.032 x .012
(.81 x .30)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-1048ISDN TRANSFORMERS "U" INTERFACE 1 Rhombus Industries Inc.
T-1049ISDN TRANSFORMERS "U" INTERFACE 1 Rhombus Industries Inc.
T-1053ISDN TRANSFORMERS "U" INTERFACE 1 Rhombus Industries Inc.
T-1054ISDN TRANSFORMERS "U" INTERFACE 1 Rhombus Industries Inc.
ISF-100B1ISDN SO DIL Style Through Hole Interface Transformers 1 Nuvotem Talema
SMJ-100BISDN - SO SMD Single Interface Transformers 1 2 Nuvotem Talema
B78421P1457A005xDSL Transformers HDSL Interface 1 2 EPCOS
T-1115ADSL Line Interface Transformers 1 Rhombus Industries Inc.
T-15506ATM Interface Transformers 1 Rhombus Industries Inc.
7117ISDN S-BUS INPUT/OUTPUT TRANSFORMERS 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl