Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-1072G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1072G
Description  Audio Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1072G Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1072G Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
05/15/98
Audio Transformer P/N T-1072G
Parameter
Min.
Typ.
Max.
Units
Inductance 1-3
1.38
H
Leakage Inductance
675
µH
Interwinding Capacitance
20
pF
D.C. Resistance Pins 1-3
55
D.C. Resistance Pins 4-6
70
Hi-Pot
Primary to Secondary
1000
V
RMS
Turns Ratio (1-4 : 8-5)
1:1 :
+ 2%
Schematic Diagram
Materials used in construction of this
component meet or exceed UL Class B
and can be operated up to 130oC
1. Tested at 1 kHz - 100 mV
Physical
Dimensions
inches (mm)
1
3
6
4
.370
(9.40)
MAX.
.098
(2.50)
.028
(0.70)
.375
(9.53)
MAX.
.34
(8.6)
.505 (12.83)
.490 (12.45)
.375
(9.53)
MAX.
.025
(0.64)
.075
(1.905)
TYP.
.100
(2.54)
TYP.
.525
(13.34)
.050
(1.27)
TYP.
Top view
www.rhombus-ind.com


Similar Part No. - T-1072G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-10700 RHOMBUS-IND-T-10700 Datasheet
33Kb / 1P
   General Purpose Triple Package Transformers
T-10701 RHOMBUS-IND-T-10701 Datasheet
33Kb / 1P
   General Purpose Triple Package Transformers
T-10702 RHOMBUS-IND-T-10702 Datasheet
33Kb / 1P
   General Purpose Triple Package Transformers
T-10703 RHOMBUS-IND-T-10703 Datasheet
33Kb / 1P
   General Purpose Triple Package Transformers
T-10704 RHOMBUS-IND-T-10704 Datasheet
33Kb / 1P
   General Purpose Triple Package Transformers
More results

Similar Description - T-1072G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-434S ETC2-A-434S Datasheet
80Kb / 1P
   Audio Transformer
logo
Rhombus Industries Inc.
T-1412 RHOMBUS-IND-T-1412 Datasheet
17Kb / 1P
   Audio Transformer
T-803 RHOMBUS-IND-T-803 Datasheet
24Kb / 1P
   Audio Transformer
logo
XFMRS Inc.
XF24-600600 XFMRS-XF24-600600 Datasheet
41Kb / 1P
   AUDIO TRANSFORMER
logo
Rhombus Industries Inc.
T-931 RHOMBUS-IND-T-931 Datasheet
36Kb / 1P
   AUDIO Transformer
T-1024 RHOMBUS-IND-T-1024 Datasheet
40Kb / 1P
   Audio Transformer
T-835 RHOMBUS-IND-T-835 Datasheet
30Kb / 1P
   Audio Transformer
logo
Allied Components Inter...
AEP-158S ALLIED-AEP-158S Datasheet
287Kb / 1P
   AUDIO TRANSFORMER
AT4365 ALLIED-AT4365 Datasheet
1Mb / 1P
   AUDIO TRANSFORMER
AT4539 ALLIED-AT4539 Datasheet
644Kb / 1P
   AUDIO TRANSFORMER
AT3945 ALLIED-AT3945 Datasheet
1Mb / 1P
   Audio Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com