Electronic Components Datasheet Search
Selected language     English  ā–¼


T-1074 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1074
Description  LOW VOLTAGE INVERTER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1
2
3
6
5
4
1 OF 1
11/11/97
T-1074
SCHEMATIC
DIAGRAM
.900
(22.86)
MAX.
MIN.
.500
(12.70)
# 22 AWG
Solderable
Leads, 6 ea.
1.20
(30.5)
MAX.
.400
(10.16)
TYP.
.800
(20.32)
.600
(15.24)
TYP.
1.00
(25.4)
MAX.
2
13
5
64
PHYSICAL DIMENSIONS
in inches (mm)
LOW VOLTAGE INVERTER TRANSFORMER
Turns Ratio ( + 2% )
1CT : 1CT
Designed as Driven Non-
Saturating Transformer at
Rated Voltage, Power and
Frequency.
Materials used in construc-
tion of this component meet
or exceed UL Class B and can
be operated up to 1300 C
Flammability: Materials used
in the production of these
units meet requirements of
UL94-VO and IEC 695-2-2
needle flame test.
PARAMETER
MIN.
TYP.
MAX.
UNITS
Open Circuit Inductance *
3.0
mHy
Leakage Inductance *
12
ĀµHy
Interwinding Capacitance (C
W/W) *
65
pF
Operating Frequency
20
KHz
Primary DC Resistance
0.250
ohms
Secondary DC Resistance
0.300
ohms
Isolation (HI-POT)
300
V
RMS
Power Rating
10
Watts
Current
1
A
Operating Temperature
0
+70
0C
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX04Low voltage CMOS HEX inverter with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX05_06Low voltage CMOS HEX inverter open drain with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX14_06Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX138_06Low voltage CMOS 3 to 8 line decoder Inverter with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
74LCXU04_06Low voltage CMOS HEX inverter single stage with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
SGE2648-1high voltage transformer for CCFL inverter power supply. 1 Microsemi Corporation
74LVC04ALOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE 1 2 3 4 5 MoreSTMicroelectronics
74LVQ04Low Voltage Hex Inverter 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl