Selected language     English  ▼


T-1075 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1075
Description  FLYBACK TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1
3
12
11
4
6
8
7
10
9
1 of 1
7/06/98
T-1075
FLYBACK TRANSFORMER
TOP224Y/TOP225Y
PARAMETER
MIN.
TYP.
MAX.
UNITS
Primary Inductance
1.55
mH
Pins 1-3
DC Resistance pins 1-3
0.85
DC Resistance pins 12-11
36.2
m
DC Resistance pins 10-9
65.5
m
DC Resistance pins 4-6
8.6
m
DC Resistance pins 8-7
0.17
Isolation (P1) to (S1,S2,S3,S4)
1500
V
RMS
Operating Frequency : 100 KHz
S4
S2
S1
P1
S3
P1 : 127 - 375V
S1 : 12.6V @1A
S2 : -12.6V @.5A
S3 : +5V @2A
S4 : +12.6V @200 ma
.197
(5.00)
TYP.
.14
(3.6)
.53
(13.5)
Pin Diameter
is 0.028 (0.8)
1.22
(31.0)
12
3
4
6
5
1.22
(31.0)
1.08
(27.5)
12
11
10
9
7
8
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-1036Flyback Transformer 1 Rhombus Industries Inc.
T-1112FLYBACK TRANSFORMER with ELECTRO-MAGNETIC SHIELD 1 Rhombus Industries Inc.
T-836Flyback Transformer 1 Rhombus Industries Inc.
T-837Flyback Transformer 1 Rhombus Industries Inc.
T-838Flyback Transformer 1 Rhombus Industries Inc.
T-871Flyback Transformer 1 Rhombus Industries Inc.
T-872Flyback Transformer 1 Rhombus Industries Inc.
T-903Flyback Transformer 1 Rhombus Industries Inc.
T-904Flyback Transformer 1 Rhombus Industries Inc.
T-905Flyback Transformer 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl