Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-1232 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1232
Description  ADSL Line Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1232 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1232 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
1 of 1
4/19/99
T-1232
ADSL Line Transformer
Schematic Diagram
1
12
7
6
11
2
5
8
LINE
CHIP
1.02
(26.00)
MAX.
1.00
(25.00)
MAX.
.689
(17.5)
MAX.
.098
(2.50)
MIN.
.028 x .014
(0.71 x 0.36)
2 EA.
.023 (0.60)
DIA. 8 EA.
.820
(20.82)
MAX.
.820
(20.82)
MAX.
0.100 Inch (2.54 mm) Grid
1
11
12
2
8
7
6
5
Physical
Dimensions
inches (mm)
Turns Ratio (+3%)
1 : 1 : 1 : 1
PARAMETER
MIN.
MAX.
UNITS
Primary Inductance (1)
418.4
462.5
µH
Pins 2 -12 (Pin 1-11 Short)
Leakage Inductance (2) Pins 2-12
10
µH
Short Pin 1-11 & Chip Side Shorted
DC Resistance (Pin 12-1)
0.580
ohms
DC Resistance (Pin 11-2)
0.580
ohms
DC Resistance (Pin 6-7)
0.460
ohms
DC Resistance (Pin 5-8)
0460
ohms
Isolation (Hi-Pot) Chip to Line
2000
V
RMS
Isolation (Hi-Pot) Chip to Chip
500
V
RMS
Isolation (Hi-Pot) Line to Line
500
V
RMS
Isolation (Hi-Pot) Windings to Core
1500
V
RMS
1. Tested at 10 KHz & 100 mV
2. Tested at 100 KHz & 100 mV


Similar Part No. - T-1232

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1230 RHOMBUS-IND-T-1230 Datasheet
26Kb / 1P
   Flyback Transformer for TOP224P
T-1231 RHOMBUS-IND-T-1231 Datasheet
26Kb / 1P
   Impedance Transformer
T-1231G RHOMBUS-IND-T-1231G Datasheet
19Kb / 1P
   Impedance Transformer
T-1233 RHOMBUS-IND-T-1233 Datasheet
19Kb / 1P
   AF Transformer
T-1234 RHOMBUS-IND-T-1234 Datasheet
19Kb / 1P
   AF Transformer
More results

Similar Description - T-1232

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com