Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE1320 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # MJE1320
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

MJE1320 Datasheet(HTML) 2 Page - Savantic, Inc.

  MJE1320 Datasheet HTML 1Page - Savantic, Inc. MJE1320 Datasheet HTML 2Page - Savantic, Inc. MJE1320 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJE1320
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=50mA; IB=0.
700
V
VCEsat-1
Collector-emitter saturation voltage
IC=1A ;IB=0.5A
TC=100
0.18
0.3
1.0
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=2A ;IB=1A
0.3
2.5
V
VBEsat-1
Base-emitter saturation voltage
IC=1A ;IB=0.5A
TC=100
0.2
0.15
1.5
1.5
V
VBEsat-2
Base-emitter saturation voltage
IC=2A ;IB=1A
0.9
2.8
V
ICEV
Collector cut-off current
VCEV=RatedValue;VBE(off)=1.5V
TC=100
0.25
2.5
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
0.25
mA
hFE-1
DC current gain
IC=2A ; VCE=5V
2.5
hFE-2
DC current gain
IC=1A ; VCE=5V
3
COB
Collector outoput capacitance
IE=0 ; VCB=10V;f=1.0MHz
80
pF
Switching times resistive load,Duty CycleA2%,tp=25µs
td
Delay time
0.1
µs
tr
Rise time
0.8
µs
ts
Storage time
4.0
µs
tf
Fall time
VCC=250V; IC=1A
IB1=IB2=0.5A
0.8
µs


Similar Part No. - MJE1320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE1320 MOTOROLA-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR 2 AMPERES 900 VOLTS 80 WATTS
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
Savantic, Inc.
MJE1320 SAVANTIC-MJE1320 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
MJE1320 NJSEMI-MJE1320 Datasheet
91Kb / 2P
   NPN Silicon Power Transistor
logo
Inchange Semiconductor ...
MJE1320 ISC-MJE1320 Datasheet
227Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - MJE1320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com