Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13009 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # MJE13009
Description  Silicon NPN Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

MJE13009 Datasheet(HTML) 2 Page - Savantic, Inc.

  MJE13009 Datasheet HTML 1Page - Savantic, Inc. MJE13009 Datasheet HTML 2Page - Savantic, Inc. MJE13009 Datasheet HTML 3Page - Savantic, Inc. MJE13009 Datasheet HTML 4Page - Savantic, Inc. MJE13009 Datasheet HTML 5Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJE13009
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=10mA; IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=5A; IB=1A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A ;IB=1.6A
TC=100
1.5
2.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=12A; IB=3A
3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=5A; IB=1A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=8A; IB=1.6A
TC=100
1.6
1.5
V
ICEV
Collector cut-off current
VCEV=Rated value,
VBE(off)=1.5V dc;TC=100
1.0
5.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
1.0
mA
hFE-1
DC current gain
IC=5A ; VCE=5V
8
40
hFE-2
DC current gain
IC=8A ; VCE=5V
6
30
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
4
MHz
COB
Collector outoput capacitance
IE=0; f=0.1MHz ; VCB=10V
180
pF
Switching times resistive load
td
Delay time
0.06
0.1
µs
tr
Rise time
0.45
1.0
µs
ts
Storage time
1.30
3.0
µs
tf
Fall time
VCC=125V ,IC=8A
IB1=-IB2=1.6A
tp=25µs
duty cycleD1%
0.20
0.7
µs


Similar Part No. - MJE13009

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13009 MOSPEC-MJE13009 Datasheet
179Kb / 4P
   POWER TRANSISTORS(12A,300-400V,100W)
logo
New Jersey Semi-Conduct...
MJE13009 NJSEMI-MJE13009 Datasheet
93Kb / 2P
   SWJTCHMODE SERIES NPN POWER TRANSISTORS
logo
Motorola, Inc
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
logo
Central Semiconductor C...
MJE13009 CENTRAL-MJE13009 Datasheet
330Kb / 3P
   SILICON NPN TRANSISTORS
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009 Datasheet
451Kb / 10P
   NPN SILICON POWER TRANSISTOR
REV 2
More results

Similar Description - MJE13009

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com