Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29FCT52CTQCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY29FCT52CTQCT
Description  8-Bit Registered Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY29FCT52CTQCT Datasheet(HTML) 1 Page - Texas Instruments

  CY29FCT52CTQCT Datasheet HTML 1Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 2Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 3Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 4Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 5Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 6Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 7Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 8Page - Texas Instruments CY29FCT52CTQCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY29FCT52T
8-BIT REGISTERED TRANSCEIVER
SCCS010A – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM2952
D Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D 64-mA Output Sink Current
32-mA Output Source Current
description
The CY29FCT52T has two 8-bit back-to-back registers that store data flowing in both directions between two
bidirectional buses. Separate clock, clock enable, and 3-state output-enable signals are provided for each
register. Both A outputs and B outputs are specified to sink 64 mA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
PIN DESCRIPTION
NAME
DESCRIPTION
A
A register inputs or B register outputs
B
B register inputs or A register outputs
CPA
Clock for the A register. When CEA is low, data enters the A register on the low-to-high transition of the CPA signal.
CEA
Clock enable for the A register. When CEA is low, data enters the A register on the low-to-high transition of the CPA signal. When CEA
is high, the A register holds its contents, regardless of CPA signal transitions.
OEA
Output enable for the A register. When OEA is low, the A register outputs are enabled onto the B lines. When OEA is high, the A outputs
are in the high-impedance state.
CPB
Clock for the B register. When CEB is low, data enters the B register on the low-to-high transition of the CPB signal.
CEB
Clock enable for the B register. When CEB is low, data enters the B register on the low-to-high transition of the CPB signal. When
CEB is high, the B register holds its contents, regardless of CPA signal transitions.
OEB
Output enable for the B register. When OEB is low, the B register outputs are enabled onto the A lines. When OEB is high, the B outputs
are in the high-impedance state.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Q OR SO PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
B7
B6
B5
B4
B3
B2
B1
B0
OEB
CPA
CEA
GND
VCC
A7
A6
A5
A4
A3
A2
A1
A0
OEA
CPB
CEB


Similar Part No. - CY29FCT52CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520ATDMB TI-CY29FCT520ATDMB Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520ATDMB TI1-CY29FCT520ATDMB Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATPC TI-CY29FCT520ATPC Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520ATPC TI1-CY29FCT520ATPC Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATPCE4 TI-CY29FCT520ATPCE4 Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
More results

Similar Description - CY29FCT52CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com