Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29FCT520ATSOC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY29FCT520ATSOC
Description  Multi-Level Pipeline Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY29FCT520ATSOC Datasheet(HTML) 2 Page - Texas Instruments

  CY29FCT520ATSOC Datasheet HTML 1Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 2Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 3Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 4Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 5Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 6Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 7Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 8Page - Texas Instruments CY29FCT520ATSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY29FCT520T
MULTILEVEL PIPELINE REGISTER
WITH 3-STATE OUTPUTS
SCCS011C – MAY 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PIPELINE INSTRUCTION TABLE
I = 0
I = 1
I = 2
I = 3
I1 = 0
I0 = 0
I1 = 0
I0 = 1
I1 = 1
I0 = 0
I1 = 1
I0 = 1
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
B1
B2
A1
A2
Single four-level
Dual two-level
Hold
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
SO
Tube
6.0
CY29FCT520CTSOC
29FCT520C
SOIC – SO
Tape and reel
6.0
CY29FCT520CTSOCT
29FCT520C
SOIC
SO
Tube
7.5
CY29FCT520BTSOC
29FCT520B
–40
°C to 85°C
SOIC – SO
Tape and reel
7.5
CY29FCT520BTSOCT
29FCT520B
DIP – P
Tube
14.0
CY29FCT520ATPC
CY29FCT520ATPC
SOIC
SO
Tube
14.0
CY29FCT520ATSOC
29FCT520A
SOIC – SO
Tape and reel
14.0
CY29FCT520ATSOCT
29FCT520A
55
°Cto125°C
CDIP
D
Tube
8.0
5962-9220504MLA
(CY29FCT520BTDMB)
–55
°C to 125°C
CDIP – D
Tube
16.0
5962-9220502MLA
(CY29FCT520ATDMB)
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
S1
S0
OUTPUT
1
1
A1
1
0A2
0
1B1
0
0
B2


Similar Part No. - CY29FCT520ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520ATSOC TI1-CY29FCT520ATSOC Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATSOC TI1-CY29FCT520ATSOC Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATSOCT TI1-CY29FCT520ATSOCT Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATSOCT TI1-CY29FCT520ATSOCT Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATSOCTE4 TI1-CY29FCT520ATSOCTE4 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY29FCT520ATSOC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
   Dual Pipeline Register
logo
Advanced Micro Devices
AM29C818A AMD-AM29C818A Datasheet
857Kb / 21P
   CMOS PIPELINE REGISTER WITH SSR DIAGNOSTICS
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
List of Unclassifed Man...
340 ETC1-340 Datasheet
325Kb / 1P
   Multi-level Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com