Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT138CTQCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT138CTQCT
Description  1-of-8 Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT138CTQCT Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT138CTQCT Datasheet HTML 1Page - Texas Instruments CY74FCT138CTQCT Datasheet HTML 2Page - Texas Instruments CY74FCT138CTQCT Datasheet HTML 3Page - Texas Instruments CY74FCT138CTQCT Datasheet HTML 4Page - Texas Instruments CY74FCT138CTQCT Datasheet HTML 5Page - Texas Instruments CY74FCT138CTQCT Datasheet HTML 6Page - Texas Instruments CY74FCT138CTQCT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CY54FCT138T, CY74FCT138T
1-OF-8 DECODERS
SCCS013B – MAY 1994 – REVISED OCTOBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
CY54FCT138T
CY74FCT138T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
#
VCC = 5.5 V,
Outputs open,
Switch E1 E2 or
One output
switching
at f1 = 10 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
IC#
Switch E1, E2, or
E3
1
at 50% duty
cycle
VIN = 3.4 V or GND
1
2.4
mA
IC#
VCC = 5.25 V,
Outputs open,
Switch E1 E2 or
One output
switching
at f1 = 10 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4||
mA
Switch E1, E2, or
E3
1
at 50% duty
cycle
VIN = 3.4 V or GND
1
2.4||
Ci
5
10
5
10
pF
Co
9
12
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY54FCT138T
CY54FCT138CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
A
O
1.5
12
1.5
6
ns
tPHL
A
O
1.5
12
1.5
6
ns
tPLH
E
E
O
1.5
12.5
1.5
6.1
ns
tPHL
E1 or E2
O
1.5
12.5
1.5
6.1
ns
tPLH
E3
O
1.5
12.5
1.5
6.1
ns
tPHL
E3
O
1.5
12.5
1.5
6.1
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY74FCT138T
CY74FCT138AT
CY74FCT138CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
O
1.5
9
1.5
5.8
1.5
5
ns
tPHL
A
O
1.5
9
1.5
5.8
1.5
5
ns
tPLH
E
E
O
1.5
9
1.5
5.9
1.5
5
ns
tPHL
E1 or E2
O
1.5
9
1.5
5.9
1.5
5
ns
tPLH
E3
O
1.5
9
1.5
5.9
1.5
5
ns
tPHL
E3
O
1.5
9
1.5
5.9
1.5
5
ns


Similar Part No. - CY74FCT138CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT138CTQCT TI1-CY74FCT138CTQCT Datasheet
468Kb / 12P
[Old version datasheet]   1-OF-8 DECODERS
CY74FCT138CTQCTE4 TI1-CY74FCT138CTQCTE4 Datasheet
468Kb / 12P
[Old version datasheet]   1-OF-8 DECODERS
More results

Similar Description - CY74FCT138CTQCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
   1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A Datasheet
164Kb / 8P
   1-of-8 Decoder/ Demultiplexer
December, 2009 ??Rev. 0
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138_03 Datasheet
103Kb / 9P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com