Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT543T Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT543T
Description  8-Bit Latched Registered Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT543T Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT543T Datasheet HTML 1Page - Texas Instruments CY74FCT543T Datasheet HTML 2Page - Texas Instruments CY74FCT543T Datasheet HTML 3Page - Texas Instruments CY74FCT543T Datasheet HTML 4Page - Texas Instruments CY74FCT543T Datasheet HTML 5Page - Texas Instruments CY74FCT543T Datasheet HTML 6Page - Texas Instruments CY74FCT543T Datasheet HTML 7Page - Texas Instruments CY74FCT543T Datasheet HTML 8Page - Texas Instruments CY74FCT543T Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY54/74FCT543T
5
Switching Characteristics Over the Operating Range[14]
Parameter
Description
FCT543T
FCT543AT
Unit
Fig. No.[15]
Military
Commercial
Commercial
Min.[14]
Max.
Min.[14]
Max.
Min.[14]
Max.
tPLH
tPHL
Propagation Delay
Transparent Mode A to B or B to A
2.0
10.0
2.5
8.5
2.5
6.5
ns
1, 3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
2.5
14.0
2.5
12.5
2.5
8.0
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
2.0
14.0
2.0
12.0
2.0
9.0
ns
1, 7, 8
tPZH
tPZL
Output Disable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
2.0
13.0
2.0
9.0
2.0
7.5
ns
1, 7, 8
tS
Set-Up Time HIGH or LOW,
A or B to LEBA or LEAB
3.0
2.0
2.0
ns
9
tH
Hold Time HIGH or LOW,
A or B to LEBA or LEAB
2.0
2.0
2.0
ns
9
tW
Pulse Width LOW[8]
LEBA or LEAB
5.0
5.0
5.0
ns
5
Parameter
Description
FCT543CT
Unit
Fig. No.[15]
Commercial
Min.[14]
Max.
tPLH
tPHL
Propagation Delay
Transparent Mode A to B or B to A
2.5
5.3
ns
1, 3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
2.5
7.0
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
2.0
8.0
ns
1, 7, 8
tPZH
tPZL
Output Disable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
2.0
6.5
ns
1, 7, 8
tS
Set-Up Time, HIGH or LOW,
A or B to LEBA or LEAB
2.0
ns
9
tH
Hold Time, HIGH or LOW,
A or B to LEBA or LEAB
2.0
ns
9
tW
Pulse Width LOW LEBA or LEAB[8]
5.0
ns
5
Notes:
14. Minimum limits are specified but not tested on Propagation Delays.
15. See “Parameter Measurement Information” in the General Information Section.


Similar Part No. - CY74FCT543T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT543T TI-CY74FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TQCT TI-CY74FCT543TQCT Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TQCTE4 TI-CY74FCT543TQCTE4 Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TQCTG4 TI-CY74FCT543TQCTG4 Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TSOC TI-CY74FCT543TSOC Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT543T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Texas Instruments
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
[Old version datasheet]   8-Bit Latched Transceiver
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com