Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY54FCT827T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CY54FCT827T
Description  10-Bit Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT827T Datasheet(HTML) 3 Page - Texas Instruments

  CY54FCT827T Datasheet HTML 1Page - Texas Instruments CY54FCT827T Datasheet HTML 2Page - Texas Instruments CY54FCT827T Datasheet HTML 3Page - Texas Instruments CY54FCT827T Datasheet HTML 4Page - Texas Instruments CY54FCT827T Datasheet HTML 5Page - Texas Instruments CY54FCT827T Datasheet HTML 6Page - Texas Instruments CY54FCT827T Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY54/74FCT827T
3
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply Current
VCC=Max., VIN≤0.2V, VIN≥VCC–0.2V
0.1
0.2
mA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max., VIN=3.4V,
[8]
f1=0, Outputs Open
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current[9]
VCC=Max., One Input Toggling,
50% Duty Cycle, Outputs Open,
OE1 or OE2=GND,
VIN≤0.2V or VIN≥VCC–0.2V
0.06
0.12
mA/MHz
IC
Total Power Supply Current[10]
VCC=Max., 50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=10 MHz,
OE1 or OE2=GND,
VIN≤0.2V or VIN≥VCC–0.2V
0.7
1.4
mA
VCC=Max.,50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=10 MHz,
OE1 or OE2=GND, VIN=3.4V or VIN=GND
1.0
2.4
mA
VCC=Max., 50% Duty Cycle, Outputs Open,
Ten Bits Toggling at f1=2.5 MHz,
OE1 or OE2=GND,
VIN≤0.2V or VIN≥VCC–0.2V
1.6
3.2[11]
mA
VCC=Max., 50% Duty Cycle, Outputs Open,
Ten Bits Toggling at f1=2.5 MHz,
OE1 or OE2=GND,VIN=3.4V or VIN=GND
4.1
13.2[11]
mA
Notes:
8.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
= Quiescent Current with CMOS input levels
∆I
CC =
Power Supply Current for a TTL HIGH input VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - CY54FCT827T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT841 TI-CY54FCT841 Datasheet
84Kb / 8P
[Old version datasheet]   10-Bit Latch
CY54FCT841ATDMB TI-CY54FCT841ATDMB Datasheet
84Kb / 8P
[Old version datasheet]   10-Bit Latch
CY54FCT841ATDMB TI1-CY54FCT841ATDMB Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841ATLMB TI1-CY54FCT841ATLMB Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI-CY54FCT841T Datasheet
84Kb / 8P
[Old version datasheet]   10-Bit Latch
More results

Similar Description - CY54FCT827T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2827T TI-CY74FCT2827T Datasheet
41Kb / 6P
[Old version datasheet]   10-Bit Buffer
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDTQS74FCT2827AT IDT-IDTQS74FCT2827AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
IDTQS74FCT2828AT IDT-IDTQS74FCT2828AT Datasheet
60Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
logo
Texas Instruments
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com